Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF152S-T3 Datasheet(PDF) 1 Page - Won-Top Electronics

Part # DF152S-T3
Description  1.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

DF152S-T3 Datasheet(HTML) 1 Page - Won-Top Electronics

  DF152S-T3 Datasheet HTML 1Page - Won-Top Electronics DF152S-T3 Datasheet HTML 2Page - Won-Top Electronics DF152S-T3 Datasheet HTML 3Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DF150S – DF1510S
1 of 3
© 2002 Won-Top Electronics
DF150S – DF1510S
1.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
Features
!
Glass Passivated Die Construction
G
!
Low Forward Voltage Drop
!
High Current Capability
!
High Surge Current Capability
-
+
!
Designed for Surface Mount Application
B
~
~
A
D
E
!
Plastic Material – UL Recognition Flammability
Classification 94V-O
C
                  L
H
Mechanical Data
J
!
Case: Molded Plastic
!
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
K
!
Polarity: As Marked on Case
!
Weight: 0.38 grams (approx.)
*Low profile models (J = 2.20~2.50mm) are available.
!
Mounting Position: Any
Please consult factory.
!
Marking: Type Number
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
DF
150S
DF
151S
DF
152S
DF
154S
DF
156S
DF
158S
DF
1510S
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current
@TA = 40°C
IO
1.5
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
50
A
Forward Voltage per element
@IF = 1.5A
VFM
1.1
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 125°C
IRM
10
500
µA
Typical Junction Capacitance per element (Note 1)
Cj
25
pF
Typical Thermal Resistance (Note 2)
RJA
74
K/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Note: 1. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
2. Thermal resistance junction to ambient mounted on PC board with 5.0mm2 (0.03mm thick) land areas.
WTE
POWER SEMICONDUCTORS
DF-S
Dim
Min
Max
A
7.40
7.90
B
6.20
6.50
C
0.009
0.25
D
0.076
0.33
E
—
10.40
G
1.02
1.53
H
8.13
8.51
J*
3.20
3.40
K
5.0
5.20
L
1.00
1.20
All Dimensions in mm


Similar Part No. - DF152S-T3

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
DF152S-T3 WTE-DF152S-T3 Datasheet
73Kb / 4P
1.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
More results

Similar Description - DF152S-T3

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DF15005S DIODES-DF15005S Datasheet
53Kb / 2P
1.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
DS17002 Rev. D-2
logo
Won-Top Electronics
DF150S WTE-DF150S_06 Datasheet
73Kb / 4P
1.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
DF1502S-T DIODES-DF1502S-T Datasheet
69Kb / 3P
1.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
Rev erse
DF15005S DIODES-DF15005S_15 Datasheet
69Kb / 3P
1.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
Rev erse
logo
Sangdest Microelectroni...
FTB1F-15 SMC-FTB1F-15 Datasheet
215Kb / 5P
1.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
DB151 ZSELEC-DB151 Datasheet
85Kb / 2P
1.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
DBF1510U DIODES-DBF1510U Datasheet
381Kb / 5P
1.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
Rev 3
DF15005S DIODES-DF15005S_16 Datasheet
296Kb / 5P
1.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
Rev 11
logo
Zibo Seno Electronic En...
DI150 ZSELEC-DI150 Datasheet
118Kb / 2P
1.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
TB1505S ZSELEC-TB1505S Datasheet
86Kb / 2P
1.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com