Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV19W Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # BAV19W
Description  SMALL SIGNAL DIODE VOLTAGE RANGE 100 Volts CURRENT 200 mAmpere
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

BAV19W Datasheet(HTML) 2 Page - Rectron Semiconductor

  BAV19W Datasheet HTML 1Page - Rectron Semiconductor BAV19W Datasheet HTML 2Page - Rectron Semiconductor BAV19W Datasheet HTML 3Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RECTRON
VF, INSTANTANEOUS FORWARD VOLTAGE(V)
TA, AMBIENT TEMPERATURE(
OC)
0
0.2
0.4
0.6
1.0
1.2
0.001
0.01
0.1
1
0
50
100
150
200
300
250
0.8
1.4
150
125
100
75
50
25
0
RATING AND CHARACTERISTICS CURVES ( BAV19W )
Figure1 Power Derating Curve
Figure2 Typical Foward Characteristics
VR, REVERSE VOLTAGE(V)
VR,INSTANTANEOUS REVERSE VOLTAGE(V)
0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0.0001
0.001
0.01
0.1
1
10
100
10
20
30
40
250
200
150
100
50
0
Figure3 Typical Reverse Characteristics
Figure4 Typical Capacitance vs Reverse Voltage
TA=-40
O
C
TA= 0
O
C
TA=25
O
C
TA=75
O
C
TA=125
O
C
TA=150
O
C
f=1.0MHz
TA=150
O
C
TA=125
O
C
TA=75
O
C
TA=25
O
C
TA= 0
O
C
TA=-40
O
C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com