Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC558 Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # BC558
Description  PNP Silicon Planar Epitaxial Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

BC558 Datasheet(HTML) 2 Page - Rectron Semiconductor

  BC558 Datasheet HTML 1Page - Rectron Semiconductor BC558 Datasheet HTML 2Page - Rectron Semiconductor BC558 Datasheet HTML 3Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BC556,A,B,C
BC557,A,B,C
BC558,A,B,C
MIN TYP MAX
65
45
30
80
50
30
5
15
4
0.20
15
0.20
15
0.20
15
4
4
4
0.55 0.66 0.70
0.82
0.09
0.30
0.25
0.65
0.70
0.90
90
150
270
75
475
75
800
110
180
220
200
290
450
420
500
800
120
200
400
IE = 100uA, IC = 0
nA
BC556
VCE = 80V
nA
ICES
VCE = 80V, Tj = 125
oC
uA
BC558
IC = 100uA, IE = 0
V
BC556
BC557
BC558
IC = 2mA, IB = 0
Collector Emitter Voltage
BC556
V
BC557
ICBO
BC558
VCEO
Collector Cut off Current
VEBO
Collector Base Voltage
VCBO
IC = 100mA, IB = 5mA
Base Emitter Saturation Voltage
VBE(Sat)
IC = 10mA, IB = 0.5mA
B
hFE
C
A
BC556
V
V
IC = 100mA, IB = 5mA
VCE = 5V, IC = 100mA
BC556
Base Emitter On Voltage
TEST CONDITION
VBE(on)
IC = 2mA, VCE = 5V
IC = 10mA, VCE = 5V
Collector Cut off Current
VCE = 5V, IC = 2mA
Emitter Base Voltage
uA
BC557
VCE = 50V, Tj = 125
oC
uA
UNITS
Collector Emitter Saturation Voltage
IC = 10mA, IB = 0.5mA
VCB = 30V, IE = 0
DESCRIPTION
SYMBOL
VCB = 30V, IE = 0, Tj = 150
oC
DC Current Gain
C
B
A
BC557
VCE = 50V
nA
VCE = 5V, IC = 10uA
BC558
VCE = 30V
VCE = 30V, Tj = 125
oC
V
VCE(Sat)
V
nA
uA
A
B
C
BC557/BC558
Electrical Characteristics (Ta=25
oC unless otherwise specified)
www.rectron.com
2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com