Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMBT2907 Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # CMBT2907
Description  PNP Silicon Planar Epitaxial Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

CMBT2907 Datasheet(HTML) 2 Page - Rectron Semiconductor

  CMBT2907 Datasheet HTML 1Page - Rectron Semiconductor CMBT2907 Datasheet HTML 2Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PNP Silicon Planar Epitaxial Transistors
CMBT2907
ns
< 100
-VEB = 2V, IC = Ic = 0
< 30
turn off time (ts + tf)
fall time
toff
Input Capacitance at f = 1 MHz
Ci
Turn-off time when switched from
to cut-off with + IBM = 15 mA
pF
VCC = 30V
pF
< 30
tf
VCC = 6V
> 75
-VCE = 10V, -IC = 0.1mA
Output Capacitance at f = 1 MHz
CO
-VCB = 10V, IE = Ie = 0
< 8.0
Transition Frequency at f = 100 MHz
fT
-VCE=20V, -IC=50mA
> 200
MHZ
> 30
> 100
> 50
> 35
-VCE = 10V, -IC = 10mA
> 75
> 100
DC Current Gain
hFE
-VCE = 10V, -IC = 150mA
100 to 300
-VCE = 10V, -IC = 1mA
-VCE = 10V, -IC = 500mA
> 50
storage time
ts
-IC = 150mA, -IB = 15mA,
< 80
ns
Switching times (between 10% and 90%)
-IC = 150mA, -IB = 15mA,
Turn-on time when switched to
delay time
td
< 10
rise time
tr
< 40
turn on time (td + tr)
ton
< 45
www.rectron.com
2 of 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com