Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTA124EKA Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # DTA124EKA
Description  SOT-23-3L DIGITAL TRANSISTOR TRANSISTORS(PNP)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

DTA124EKA Datasheet(HTML) 2 Page - Rectron Semiconductor

  DTA124EKA Datasheet HTML 1Page - Rectron Semiconductor DTA124EKA Datasheet HTML 2Page - Rectron Semiconductor DTA124EKA Datasheet HTML 3Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RECTRON
RATING AND CHARACTERISTICS CURVES (DTA124EKA)
Figure2 Output current vs input voltage
(OFF Characteristics)
Figure4 Output voltage vs. output current
Figure1 Input voltage vs. output current
(ON Characteristics)
IO, OUTPUT CURRENT, (A)
VI(on), INPUT VOLTAGE, (V)
Figure3 DC current gain vs. output current
IO, CUTPUT CURRENT, (A)
IO, OUTPUT CURRENT, (A)
-100m
-200m
-500m
-100m -200m -500m
-1
-2
-10
-20
-50
-100
-1m -2m -5m
-10m -20m -50m -100m
-100m -200m -500m -1m -2m -5m -10m -20m -50m -100m
-100m -200m -500m -1m -2m -5m -10m -20m -50m -100m
-5
-2m
-1m
-5m
-10m
-20m
-50m
-100m
-200m
-500m
-1m
-2m
-10m
-5m
0
-0.5
-1.0
-1.5
-2.0
-2.5
-3.0
5
10
20
50
100
200
500
1K
2
1
-1m
-2m
-5m
-10m
-20m
-50m
-100m
-200m
-500m
-1
-40
OC
25
OC
Ta= 100
OC
-40
OC
25
OC
Ta= 100
OC
-40
OC
25
OC
Ta= 100
OC
100
OC
25
OC
Ta= -40
OC
VO= -5V
IO / II= 20
VCC= -5V
VO= -0.3V
Figure5 Equivalent circuit
IN
R1
R2
IN
OUT
OUT
GND(+)
GND(+)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com