Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTC114TKA Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # DTC114TKA
Description  SOT-23-3L DIGITAL TRANSISTOR TRANSISTORS(NPN)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

DTC114TKA Datasheet(HTML) 2 Page - Rectron Semiconductor

  DTC114TKA Datasheet HTML 1Page - Rectron Semiconductor DTC114TKA Datasheet HTML 2Page - Rectron Semiconductor DTC114TKA Datasheet HTML 3Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RATING AND CHARACTERISTICS CURVES (DTC114TKA)
Figure2 Collector- emitter saturation voltage
vs. collector current
Figure1 DC current gain vs. collector current
IC, COLLECTOR CURRENT (A)
IC , COLLECTOR CURRENT(A)
1
2
5
100m 200m 500m
10
20
100
200
500
1K
1m
2m
5m
10m 20m 50m 100m
100m 200m 500m 1m
2m
5m
10m 20m 50m 100m
50
100m
200m
1
500m
10m
5m
2m
1m
20m
50m
VCE= 5V
-40
OC
25
OC
Ta= 100
OC
IO / IB= 10
-40
OC
25
OC
Ta= 100
OC
Figure3 Equivalent circuit
BASE
R1
COLLECTOR
EMITTER



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com