Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMP1 Datasheet(PDF) 2 Page - Rohm

Part # FMP1
Description  Switching diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

FMP1 Datasheet(HTML) 2 Page - Rohm

  FMP1_1 Datasheet HTML 1Page - Rohm FMP1_1 Datasheet HTML 2Page - Rohm FMP1_1 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
FMP1
Diodes
Rev.C
2/2
Electrical characteristic curves (Ta=25
°C)
FORWARD VOLTAGE:VF(mV)
VF-IF CHARACTERISTICS
REVERSE VOLTAGE:VR(V)
VR-IR CHARACTERISTICS
REVERSE VOLTAGE:VR(V)
VR-Ct CHARACTERISTICS
VF DISPERSION MAP
IR DISPERSION MAP
Ct DISPERSION MAP
IFSM DISRESION MAP
NUMBER OF CYCLES
IFSM-CYCLE CHARACTERISTICS
TIME:t(ms)
IFSM-t CHARACTERISTICS
TIME:t(s)
Rth-t CHARACTERISTICS
trr DISPERSION MAP
ESD DISPERSION MAP
0.1
1
10
100
0
100
200
300
400
500
600
700
800
900 1000
Ta=-25℃
Ta=125℃
Ta=75℃
Ta=25℃
Ta=150℃
0.01
0.1
1
10
100
1000
10000
0
1020
3040
5060
7080
Ta=125℃
Ta=-25℃
Ta=25℃
Ta=75℃
Ta=150℃
0.1
1
10
0
5
10
15
20
f=1MHz
720
730
740
750
760
770
0
10
20
30
40
50
60
70
80
90
100
1.5
1.6
1.7
1.8
1.9
2
2.1
2.2
2.3
2.4
2.5
0
5
10
15
20
8.3ms
Ifsm
1cyc
0
1
2
3
4
5
6
7
8
9
10
0
1
2
3
4
5
110
100
8.3ms
Ifsm
1cyc
8.3ms
1
10
100
0.1
1
10
100
t
Ifsm
1
10
100
1000
0.001
0.01
0.1
1
10
100
1000
1ms
IM=1mA
IF=10mA
300us
time
Mounted on epoxy board
Rth(j-c)
Rth(j-a)
0
1
2
3
4
5
6
7
8
9
10
AVE:0.97kV
C=200pF
R=0Ω
AVE:3.71kV
C=100pF
R=1.5kΩ
AVE:744.4mV
Ta=25℃
IF=5mA
n=30pcs
Ta=25℃
VR=70V
n=10pcs
AVE:3.5172nA
AVE:1.981pF
Ta=25℃
VR=6V
f=1MHz
n=10pcs
AVE:3.50A
AVE:1.94ns
Ta=25℃
VR=6V
IF=5mA
RL=50Ω
n=10pcs



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com