Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FR207 Datasheet(PDF) 3 Page - Won-Top Electronics

Part # FR207
Description  2.0A FAST RECOVERY RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

FR207 Datasheet(HTML) 3 Page - Won-Top Electronics

  FR207 Datasheet HTML 1Page - Won-Top Electronics FR207 Datasheet HTML 2Page - Won-Top Electronics FR207 Datasheet HTML 3Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
FR201 – FR207
3 of 3
© 2002 Won-Top Electronics
ORDERING INFORMATION
Product No.!
!
!
!
Package Type
Shipping Quantity
FR201-T3
DO-15
4000/Tape & Reel
FR201-TB
DO-15
3000/Tape & Box
FR201
DO-15
1000 Units/Box
FR202-T3
DO-15
4000/Tape & Reel
FR202-TB
DO-15
3000/Tape & Box
FR202
DO-15
1000 Units/Box
FR203-T3
DO-15
4000/Tape & Reel
FR203-TB
DO-15
3000/Tape & Box
FR203
DO-15
1000 Units/Box
FR204-T3
DO-15
4000/Tape & Reel
FR204-TB
DO-15
3000/Tape & Box
FR204
DO-15
1000 Units/Box
FR205-T3
DO-15
4000/Tape & Reel
FR205-TB
DO-15
3000/Tape & Box
FR205
DO-15
1000 Units/Box
FR206-T3
DO-15
4000/Tape & Reel
FR206-TB
DO-15
3000/Tape & Box
FR206
DO-15
1000 Units/Box
FR207-T3
DO-15
4000/Tape & Reel
FR207-TB
DO-15
3000/Tape & Box
FR207
DO-15
1000 Units/Box
Products listed in bold are WTE Preferred devices.
!T3 suffix refers to a 13” reel. TB suffix refers to Ammo Pack.
Shipping quantity given is for minimum packing quantity only. For minimum order
quantity, please consult the Sales Department.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any
responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to
manufacturer. WTE reserves the right to change any or all information herein without further notice.
WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life
support devices or systems without the express written approval.
Wepoweryoureveryday.
Won-Top Electronics Co., Ltd.
No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan
Phone: 886-7-822-5408 or 886-7-822-5410
Fax: 886-7-822-5417
Email: sales@wontop.com
Internet: http://www.wontop.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com