Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBPC3500S Datasheet(PDF) 1 Page - Won-Top Electronics

Part # KBPC3500S
Description  15,25,35A IN-LINE BRIDGE RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

KBPC3500S Datasheet(HTML) 1 Page - Won-Top Electronics

  KBPC3500S Datasheet HTML 1Page - Won-Top Electronics KBPC3500S Datasheet HTML 2Page - Won-Top Electronics KBPC3500S Datasheet HTML 3Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
KBPC15, 25, 35S SERIES
1 of 3
© 2002 Won-Top Electronics
KBPC15, 25, 35S SERIES
15, 25, 35A IN-LINE BRIDGE RECTIFIER
Features
!
Diffused Junction
!
Low Forward Voltage Drop
!
High Current Capability
A
!
High Reliability
!
High Surge Current Capability
!
Ideal for Printed Circuit Boards
!
Designed for Saving Mounting Space
!
UL Recognized File # E157705
-
~
~
+
Mechanical Data
C
!
Case: Epoxy Case with Heat Sink Internally
D
Mounted in the Bridge Encapsulation
!
Terminals: Plated Leads Solderable per
E E
MIL-STD-202, Method 208
!
Polarity: As Marked on Body
METAL HEATSINK
!
Weight: 30 grams (approx.)
G
B
!
Mounting Position: Any
!
Marking: Type Number
H
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristics
Symbol
-00S
-01S
-02S
-04S
-06S
-08S
-10S
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current
@TC = 60°C
KBPC15
KBPC25
KBPC35
IO
15
25
35
A
Non-Repetitive Peak Forward Surge Current,
8.3ms Single Half-sine-wave Superimposed
on Rated Load (JEDEC Method)
KBPC15
KBPC25
KBPC35
IFSM
300
300
400
A
Forward Voltage Drop
(per element)
KBPC15 @IF = 7.5A
KBPC25 @IF = 12.5A
KBPC35 @IF = 17.5A
VFM
1.2
V
Peak Reverse Current at
@TA = 25°C
Rated DC Blocking Voltage (per element)
@TA = 100°C
IR
10
1.0
µA
mA
I2t Rating for Fusing (t < 8.3ms) (Note 1)
KBPC15
KBPC25
KBPC35
I2t
374
374
664
A2s
Typical Thermal Resistance (per element) (Note 2)
RJC
2.0
K/W
RMS Isolation Voltage from Case to Lead
VISO
2500
V
Operating and Storage Temperature Range
Tj, TSTG
-55 to +150
°C
Note: 1. Non-repetitive for t > 1ms and < 8.3ms.
2. Thermal resistance junction to case per element mounted on 8" x 8" x 25" thick AL plate.
WT E
PO W E R SEM IC O ND UC TO R S
KBPC-S
Dim
Min
Max
A
28.40
28.70
B
10.97
11.23
C
13.90
—
D
19.10
—
E
5.10
—
G
1.20 Ø Typical
H
3.05
3.60
All Dimensions in mm


Similar Part No. - KBPC3500S

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
KBPC3500S MCC-KBPC3500S Datasheet
90Kb / 2P
35 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
Won-Top Electronics
KBPC3500S WTE-KBPC3500S Datasheet
66Kb / 4P
35A SINGLE-PHASE BRIDGE RECTIFIER
KBPC3500S WTE-KBPC3500S Datasheet
53Kb / 4P
35A SINGLE PHASE BRIDGE RECTIFIER
September, 2012
More results

Similar Description - KBPC3500S

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
GBPC40S WTE-GBPC40S Datasheet
46Kb / 3P
40,50A IN-LINE BRIDGE RECTIFIER
KBPC1000GS WTE-KBPC1000GS Datasheet
44Kb / 3P
10A GLASS PASSIVATED IN-LINE BRIDGE RECTIFIER
KBPC1000S WTE-KBPC1000S Datasheet
44Kb / 3P
10A IN-LINE BRIDGE RECTIFIER
KBPC15 WTE-KBPC15 Datasheet
52Kb / 4P
15,25,35A HIGH CURRENT BRIDGE RECTIFIER
KBPC15G WTE-KBPC15G Datasheet
55Kb / 4P
15,25,35A GLASS PASSIVATED BRIDGE RECTIFIER
KBPC15GS WTE-KBPC15GS Datasheet
49Kb / 3P
15,25,35A GLASS PASSIVATED IN-LINE BRIDGE RECTIFIER
logo
Pan Jit International I...
GL2500 PANJIT-GL2500_05 Datasheet
432Kb / 2P
IN-LINE HIGH CURRENT SILICON BRIDGE RECTIFIER
GPJ15A PANJIT-GPJ15A Datasheet
109Kb / 2P
SINGLE IN-LINE BRIDGE RECTIFIER
logo
Vishay Siliconix
GSIB420 VISHAY-GSIB420_08 Datasheet
123Kb / 4P
Single-Phase Single In-Line Bridge Rectifier
31-Jan-08
logo
CHENG-YI ELECTRONIC CO....
MP40S CHENG-YI-MP40S Datasheet
148Kb / 2P
40,50S IN-LINE BRIDGE RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com