Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBPC5000W Datasheet(PDF) 4 Page - Won-Top Electronics

Part # KBPC5000W
Description  40, 50A HIGH CURRENT BRIDGE RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

KBPC5000W Datasheet(HTML) 4 Page - Won-Top Electronics

  KBPC5000W Datasheet HTML 1Page - Won-Top Electronics KBPC5000W Datasheet HTML 2Page - Won-Top Electronics KBPC5000W Datasheet HTML 3Page - Won-Top Electronics KBPC5000W Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
KBPC40, 50/W SERIES
4 of 4
© 2002 Won-Top Electronics
ORDERING INFORMATION
Product No.
Package Type
Shipping Quantity
KBPCxx00
Square Bridge
50 Units/Box
KBPCxx00W
Square Bridge
50 Units/Box
KBPCxx01
Square Bridge
50 Units/Box
KBPCxx01W
Square Bridge
50 Units/Box
KBPCxx02
Square Bridge
50 Units/Box
KBPCxx02W
Square Bridge
50 Units/Box
KBPCxx04
Square Bridge
50 Units/Box
KBPCxx04W
Square Bridge
50 Units/Box
KBPCxx06
Square Bridge
50 Units/Box
KBPCxx06W
Square Bridge
50 Units/Box
KBPCxx08
Square Bridge
50 Units/Box
KBPCxx08W
Square Bridge
50 Units/Box
KBPCxx10
Square Bridge
50 Units/Box
KBPCxx10W
Square Bridge
50 Units/Box
Shipping quantity given is for minimum packing quantity only. For minimum order
quantity, please consult the Sales Department.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any
responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to
manufacturer. WTE reserves the right to change any or all information herein without further notice.
WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life
support devices or systems without the express written approval.
Wepoweryoureveryday.
Won-Top Electronics Co., Ltd.
No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan
Phone: 886-7-822-5408 or 886-7-822-5410
Fax: 886-7-822-5417
Email: sales@wontop.com
Internet: http://www.wontop.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com