Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FFM205L Datasheet(PDF) 3 Page - Rectron Semiconductor

Part # FFM205L
Description  SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Ampere
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

FFM205L Datasheet(HTML) 3 Page - Rectron Semiconductor

  FFM205L Datasheet HTML 1Page - Rectron Semiconductor FFM205L Datasheet HTML 2Page - Rectron Semiconductor FFM205L Datasheet HTML 3Page - Rectron Semiconductor FFM205L Datasheet HTML 4Page - Rectron Semiconductor FFM205L Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NUMBER OF CYCLES AT 60Hz
INSTANTANEOUS FORWARD VOLTAGE, (V)
1
10
30
20
50
100
200
1.0
0.3
0.1
0.03
0.01
3.0
10
20
10
5
50
100
2.5
2.0
1.5
1.0
0.5
0
3.0
3.5
RATING AND CHARACTERISTICS CURVES ( FFM201L THRU FFM207L )
FIG.4 TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
FIG.5 MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
REVERSE VOLTAGE, (V)
4
6
40
20
10
60
200
100
0.2
0.1
2
1
0.4
2
1.0
4
10
20
40
100
FIG.6 TYPICAL JUNCTION CAPACITANCE
8.3ms Single Half Sine-Wave
(JEDED Method)
Pulse Width=300uS
1% Duty Cycle
TJ = 25 OC
TJ = 25 OC



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com