Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT491 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # FMMT491
Description  SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(NPN)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

FMMT491 Datasheet(HTML) 1 Page - Rectron Semiconductor

  FMMT491 Datasheet HTML 1Page - Rectron Semiconductor FMMT491 Datasheet HTML 2Page - Rectron Semiconductor FMMT491 Datasheet HTML 3Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
RECTRON
SEMICONDUCTOR
FEATURES
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V-O rate flame retardant
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
* Weight: 0.008 gram
* Marking: 491
SOT-23
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
OC ambient temperature unless otherwise specified.
Single phase , half wave, 60HZ, resistive or inductive load.
For capacitive load, derate current by 20%.
0.118(3.00)
0.012(0.30)
0.020(0.50)
0.003(0.08)
0.006(0.15)
0.110(2.80)
0.019(2.00)
0.071(1.80)
0.100(2.55)
0.089(2.25)
0.020(0.50)
0.012(0.30)
0.043(1.10)
0.035(0.90)
0.004(0.10)
0.000(0.00)
TECHNICAL SPECIFICATION
SOT-23 BIPOLAR TRANSISTORS
TRANSISTOR(NPN)
2006-3
ELECTRICAL CHARACTERISTICS ( @ TA = 25OC unless otherwise noted )
0.055(1.40)
0.047(1.20)
BASE
EMITTER
COLLECTOR
1
1
2
3
2
3
DC current gain (VCE= 5V, IC= 1mA)
DC current gain (VCE= 5V, IC= 500mA) (Note 1)
DC current gain (VCE= 5V, IC= 1A) (Note 1)
DC current gain (VCE= 5V, IC= 2A) (Note 1)
Collector cut-off current (VCB= 60V, IE=0)
Emitter cut-off current (VEB= 4V, IC=0)
Transition frequency (VCE= 10V, IC= 50mA, f=100MHZ)
Collector output capactitance (VCB= 10V, f=1MHZ)
Notes 1: Measured under pulsed conditions, Pulse width=300ms, Duty cycle < 2%.
Collector-emitter saturation voltage (IC= 1A, IB= 100mA) (Note 1)
Collector-emitter saturation voltage (IC= 500mA, IB= 50mA) (Note 1)
Base-emitter saturation voltage (IC= 1A, IB= 100mA) (Note 1)
Base-emitter voltage ((VCE= 5V, IC= 1A) (Note 1)
CHARACTERISTICS
SYMBOL
UNITS
-
-
-
-
0.1
-
300
mA
mA
V
V
V
V
V
V
V
-
-
-
pF
MHZ
Collector-base breakdown voltage (IC= 100mA, IE=0)
Collector-emitter breakdown voltage (IC= 10mA, IB=0) (Note 1)
Emitter-base breakdown voltage (IE= 100mA, IC=0)
V(BR)CBO
V(BR)CEO
V(BR)EBO
IEBO
hFE(1)
hFE(2)
hFE(4)
hFE(3)
VCE(sat)1
ICBO
VBE(sat)
VCE(sat)2
VBE
Cob
fT
MAX
80
60
5
-
100
-
80
30
100
MIN
-
-
-
150
-
-
-
0.1
-
0.25
0.5
1
-
10
1.1
-
-
-
-
-
TYP
-
-
-
-
-
-
-
-
-
-
* Power dissipation
PCM :
0.5
W (Tamb=25OC)
* Collector current
ICM :
1
A
* Collector-base voltage
V(BR)CBO :
80
V
* Operating and storage junction temperature range
TJ,Tstg: -55OC to +150OC
FMMT491
2: "Fully ROHS compliant", "100% Sn plating (Pb-free)".


Similar Part No. - FMMT491

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMT491 ZETEX-FMMT491 Datasheet
129Kb / 2P
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Galaxy Semi-Conductor H...
FMMT491 BILIN-FMMT491 Datasheet
301Kb / 4P
NPN Silicon Epitaxial Planar Transistor
logo
Guangdong Kexin Industr...
FMMT491 KEXIN-FMMT491 Datasheet
35Kb / 1P
Medium Power Transistor
logo
Diodes Incorporated
FMMT491 DIODES-FMMT491 Datasheet
324Kb / 8P
Medium power NPN transistor in SOT23
November 2007
logo
Micro Commercial Compon...
FMMT491 MCC-FMMT491 Datasheet
241Kb / 3P
NPN Silicon Planar High Performance Transistor
More results

Similar Description - FMMT491

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
MMBT2222LT1 RECTRON-MMBT2222LT1 Datasheet
791Kb / 4P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(NPN)
BCW60C RECTRON-BCW60C Datasheet
297Kb / 2P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(NPN)
2SC3052 RECTRON-2SC3052 Datasheet
298Kb / 2P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(NPN)
BC847A RECTRON-BC847A Datasheet
456Kb / 2P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(NPN)
BC848B RECTRON-BC848B Datasheet
454Kb / 2P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(NPN)
BC848C RECTRON-BC848C Datasheet
456Kb / 2P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(NPN)
BCW66H RECTRON-BCW66H Datasheet
299Kb / 2P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(NPN)
MMBT3904 RECTRON-MMBT3904 Datasheet
309Kb / 6P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(NPN)
MMBT5550 RECTRON-MMBT5550 Datasheet
279Kb / 5P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(NPN)
MMBTA06 RECTRON-MMBTA06 Datasheet
191Kb / 4P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(NPN)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com