Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GDZJ6.2C Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # GDZJ6.2C
Description  ZENER DIODE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

GDZJ6.2C Datasheet(HTML) 1 Page - Rectron Semiconductor

  GDZJ6.2C Datasheet HTML 1Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
GDZJ6.2
B & C
TECHNICAL SPECIFICATION
ZENER DIODE
l
o
b
m
y
Se
u
l
a
Vti
n
U
"
.
a
r
a
h
C
"
e
l
b
a
T
e
e
s
t
n
e
r
r
u
C
r
e
n
e
Z
5
2
=
b
m
a
T
t
a
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
PC
P t
o
t
*
0
0
5W
m
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
J
Tj
5
7
1C
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
Ts
5
7
1
+
o
t
5
6
-C
Absolute Maximun Ratings (Ta=25oC)
Electrical Characteristics Ta = 25°
°
°
°
°
C
RECTRON
SEMICONDUCTOR
*Valid provided that leads at a distance of 10 mm from case are
kept at ambient temperature.
T
R
A
P
)
V
(
z
V
X
A
M
N
I
M
Z
I
)
A
m
(
f
I
)
A
m
(
)
V
(
f
V
X
A
M
N
I
M
R
V
)
V
(
R
I
)
A
u
(
X
A
M
t
z
I
)
A
m
(
)
s
m
h
o
(
t
z
Z
X
A
M
k
z
I
)
A
m
(
)
s
m
h
o
(
k
z
Z
X
A
M
B
2
.
6
J
Z
D
G7
2
.
6
6
9
.
55
0
0
10
.
1
2
.
00
.
35
5
0
61
0
0
3
C
2
.
6
J
Z
D
G4
4
.
6
2
1
.
65
0
0
10
.
1
2
.
00
.
35
5
0
61
0
0
3
l
o
b
m
y
S.
n
i
M.
p
y
T.
x
a
Mt
i
n
U
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
r
i
A
t
n
e
i
b
m
A
o
t
n
o
i
t
c
n
u
J
A
h
t
R-
-
3
.
0 1
W
m
/
K
e
g
a
t
l
o
V
d
r
a
w
o
F
A
m
0
0
1
=
F
I
t
a
F
V-
-
1
V
Characteristics at Tamb = 25 °C
1. Valid provided that leads at a distance 10mm from case are kept at amient temperature.
DO-34
in. (mm)


Similar Part No. - GDZJ6.2C

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GDZJ6.2C PANJIT-GDZJ6.2C Datasheet
92Kb / 4P
AXIAL LEAD ZENER DIODES
logo
Frontier Electronics.
GDZJ6.2C FRONTIER-GDZJ6.2C Datasheet
123Kb / 4P
500m WATT ZENER DIODE
logo
Formosa MS
GDZJ6.2C FORMOSA-GDZJ6.2C Datasheet
339Kb / 4P
Zener diode
logo
Shanghai Shunye Electro...
GDZJ6.2C SHUNYE-GDZJ6.2C Datasheet
273Kb / 5P
AXIAL LEAD ZENER DIODES
V2.22
More results

Similar Description - GDZJ6.2C

ManufacturerPart #DatasheetDescription
logo
Rohm
PTZ68B ROHM-PTZ68B Datasheet
773Kb / 5P
Zener diode
logo
AUK corp
SDZ5V6D AUK-SDZ5V6D Datasheet
33Kb / 3P
Zener Diode
logo
Diodes Incorporated
KDZ3.6B DIODES-KDZ3.6B Datasheet
128Kb / 5P
Zener diode
logo
Rohm
KDZ5.1B ROHM-KDZ5.1B Datasheet
134Kb / 5P
Zener diode
KDZ6.2B ROHM-KDZ6.2B Datasheet
134Kb / 5P
Zener diode
UMZ8.2N ROHM-UMZ8.2N_1 Datasheet
187Kb / 3P
Zener diode
logo
AUK corp
SDZ5V1 AUK-SDZ5V1 Datasheet
40Kb / 3P
Zener Diode
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
1 Watt Zener Diode Zener Diode
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
1 Watt Zener Diode Zener Diode
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com