Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD239C Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # BD239C
Description  TO-220 - Power Transistors and Darlingtons
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

BD239C Datasheet(HTML) 1 Page - Rectron Semiconductor

  BD239C Datasheet HTML 1Page - Rectron Semiconductor BD239C Datasheet HTML 2Page - Rectron Semiconductor BD239C Datasheet HTML 3Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
See Below
for
Part #
TECHNICAL SPECIFICATION
TO-220 - Power Transistors and Darlingtons
Electrical Characteristics (Ta=25oC)
0
2
2
-
O
T0
2
2
-
O
T
0
2
2
-
O
T
0
2
2
-
O
T0
2
2
-
O
T
RECTRON
SEMICONDUCTOR
Dimensions in millimeters
#
t
r
a
P
y
t
i
r
a
l
o
P
V
O
B
C
)
V
(
n
i
M
V
O
E
C
)
V
(
n
i
M
V
O
B
E
)
V
(
n
i
M
P
D
)
W
(
I
C
)
A
(
I
S
E
C
)
A
u
(
x
a
M
@ V
E
C
h
E
F
n
i
M
h
E
F
x
a
M
@
I
C
)
A
(
V
E
C
)
V
(
V
E
C
)
T
A
S
(
)
V
(
x
a
M
V
)
T
A
S
(
E
B
)
V
(
x
a
M
@
I
C
)
A
(
f
T
)
z
H
M
(
n
i
M
@
I
C
)
A
m
(
4
9
2
5
N
2
N
P
N0
8
0
77
6
34
0
0
5
4
0
50
3
0
2
15
.
0
40
.
1
5
.
0
8
.
0
0
0
2
6
9
2
5
N
2
N
P
N0
6
0
45
6
34
0
0
5
4
0
50
3
0
2
10
.
1
40
.
1
0
.
1
8
.
0
0
0
2
8
9
2
5
N
2
N
P
N0
8
0
65
6
34
0
0
5
4
0
50
2
0
85
.
1
40
.
1
5
.
1
8
.
0
0
0
2
7
0
1
6
N
2
P
N
P0
8
0
75
0
47
0
0
0
1
1
0
60
3
3
.
2
0
5
10
.
2
0
.
7
4
4
5
.
3
0
.
1
0
.
7
0
.
2
0
1
0
0
5
9
0
1
6
N
2
P
N
P0
6
0
55
0
47
0
0
0
1
1
0
40
3
3
.
2
0
5
15
.
2
0
.
7
4
4
5
.
3
0
.
1
0
.
7
5
.
2
0
1
0
0
5
1
2
1
6
N
2
N
P
N5
4
5
45
0
44
0
0
0
1
1
5
45
2
0
1
0
0
15
.
1
0
.
4
2
2
6
.
0
4
.
1
5
.
1
0
.
4
5
.
2
0
0
0
1
0
9
2
6
N
2
N
P
N0
6
0
55
0
47
0
0
0
1
1
0
40
3
3
.
2
0
5
15
.
2
0
.
7
4
4
0
.
1
5
.
3
5
.
2
0
.
7
4
0
0
5
2
9
2
6
N
2
N
P
N0
8
0
75
0
47
0
0
0
1
1
0
60
3
3
.
2
0
5
10
.
2
0
.
7
4
4
0
.
1
5
.
3
0
.
2
0
.
7
4
0
0
5
C
9
3
2
D
B
N
P
N5
1
1
0
0
15
0
32
0
0
2
0
0
10
4
5
1
2
.
0
0
.
1
4
4
7
.
0
0
.
1
3
0
0
2
C
0
4
2
D
B
P
N
P5
1
1
0
0
15
0
32
0
0
2
0
0
10
4
5
1
2
.
0
0
.
1
4
4
7
.
0
0
.
1
3
0
0
2
A
1
4
2
D
B
N
P
N0
7
0
65
0
43
0
0
2
0
65
2
0
1
0
.
1
0
.
3
4
4
2
.
1
0
.
3
3
0
0
5
C
1
4
2
D
B
N
P
N5
1
1
0
0
15
0
43
0
0
2
0
0
15
2
0
1
0
.
1
0
.
3
4
4
2
.
1
0
.
3
3
0
0
5
C
2
4
2
D
B
P
N
P5
1
1
0
0
15
0
43
0
0
2
0
65
2
0
1
0
.
1
0
.
3
4
4
2
.
1
0
.
3
35
0
0
2
C
3
4
2
D
B
N
P
N0
0
1
0
0
15
5
66
0
0
4
0
0
10
3
5
1
3
.
0
0
.
3
4
4
5
.
1
0
.
6
3
0
0
5
1 I
CE0
2I
CBO
3V
CES
4I
CER
5f
T Typical Values
1 2
3
Pin Config
1. Base
2. Collector
3. Emitter
4. Collector
4


Similar Part No. - BD239C

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
BD239C POINN-BD239C Datasheet
86Kb / 6P
NPN SILICON POWER TRANSISTORS
logo
STMicroelectronics
BD239C STMICROELECTRONICS-BD239C Datasheet
32Kb / 4P
NPN SILICON POWER TRANSISTOR
April 1999
logo
Fairchild Semiconductor
BD239C FAIRCHILD-BD239C Datasheet
27Kb / 3P
Medium Power Linear and Switching Applications
logo
Bourns Electronic Solut...
BD239C BOURNS-BD239C Datasheet
106Kb / 5P
NPN SILICON POWER TRANSISTORS
logo
STMicroelectronics
BD239C STMICROELECTRONICS-BD239C Datasheet
256Kb / 9P
NPN power transistor
02-Jul-2007
More results

Similar Description - BD239C

ManufacturerPart #DatasheetDescription
logo
Comset Semiconductor
BDV67A COMSET-BDV67A Datasheet
241Kb / 5P
NPN SILICON DARLINGTONS POWER TRANSISTORS
BDW84C COMSET-BDW84C Datasheet
102Kb / 2P
PNP SILICON DARLINGTONS POWER TRANSISTORS
logo
Rectron Semiconductor
TIP125 RECTRON-TIP125 Datasheet
190Kb / 2P
TO-220 - PNP Plastic Power Transistors
logo
Comset Semiconductor
BDV64 COMSET-BDV64 Datasheet
77Kb / 4P
PNP SILICON DARLINGTONS POWER TRANSISTORS
BDV65 COMSET-BDV65 Datasheet
77Kb / 4P
NNP SILICON DARLINGTONS POWER TRANSISTORS
BDV66 COMSET-BDV66 Datasheet
79Kb / 4P
PNP SILICON DARLINGTONS POWER TRANSISTORS
BDW83 COMSET-BDW83 Datasheet
121Kb / 3P
NPN SILICON DARLINGTONS POWER TRANSISTORS
BDW84 COMSET-BDW84 Datasheet
122Kb / 3P
PNP SILICON DARLINGTONS POWER TRANSISTORS
TIP145 COMSET-TIP145 Datasheet
74Kb / 3P
NPN SILICON DARLINGTONS, SILICON POWER TRANSISTORS
BDV67A COMSET-BDV67A_12 Datasheet
83Kb / 5P
NPN SILICON DARLINGTONS POWER TRANSISTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com