Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSM102 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # HSM102
Description  SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

HSM102 Datasheet(HTML) 1 Page - Rectron Semiconductor

  HSM102 Datasheet HTML 1Page - Rectron Semiconductor HSM102 Datasheet HTML 2Page - Rectron Semiconductor HSM102 Datasheet HTML 3Page - Rectron Semiconductor HSM102 Datasheet HTML 4Page - Rectron Semiconductor HSM102 Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
HSM108
THRU
HSM101
MAXIMUM RATINGS (@ TA=25 OC unless otherwise noted)
ELECTRICAL CHARACTERISTICS(@TA=25 OC unless otherwise noted)
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at TA = 50OC
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Junction Capacitance (Note 2)
SYMBOL
VRRM
VDC
IFSM
CJ
TSTG
VRMS
UNITS
Volts
Volts
Volts
Amps
1.0
30
15
12
Amps
0
C
Storage Temperature Range
IO
pF
Operating Temperature Range
TJ
HSM101
50
-55 to + 150
150
0
C
HSM102 HSM103 HSM104 HSM105 HSM106
100
200
300
400
35
70
140
210
280
50
100
200
300
400
HSM107 HSM108
HSM101 HSM102 HSM103 HSM104 HSM105 HSM106 HSM107 HSM108
600
800
1000
600
800
1000
420
490
700
2007-5
CHARACTERISTICS
Maximum Average Reverse Current
Maximum Full Load Reverse Current, Full
cycle Average TA =55OC
Maximum Reverse Recovery Time (Note 4)
at Rated DC Blocking Voltage
VF
SYMBOL
I
trr
R
m
A
m
A
m
A
Maximum Instantaneous Forward Voltage at 1.0A DC
Volts
5
50
100
50
75
nSec
@TA = 25
oC
@TA = 125
oC
1.0
UNITS
1.3
1.7
NOTES : 1. Measured at 1 MHz and applied reverse voltage of 4.0 volts.
3. Test Conditions: IF= 0.5A, IR= -1.0A, IRR= -0.25A.
2. “Fully ROHS compliant”, “100% Sn plating (Pb-free)”.
MELF
Dimensions in inches and (millimeters)
.205 ( 5.2 )
.190 ( 4.8 )
.024 ( 0.6 )
.016 ( 0.4 )
.106 ( 2.7 )
.095 ( 2.4 )
SOLDERABLE
ENDS
FEATURES
* Glass passivated device
* Ideal for surface mounted applications
* Low leakage current
* Metallurgically bonded construction
* Mounting position: Any
* Weight: 0.015 gram
* Epoxy : Device has UL flammability classification 94V-0
MECHANICA
DISCONTINUED-
L DATA
"This series is replaced by the HFM10X series that meets to the same
fit and function parameters and share the same solder pad layout.
The HFM10X series is preferred for error-free vacuum pick-up and
PCB assembly."
SURFACE MOUNT GLASS PASSIVATED
HIGH EFFICIENCY SILICON RECTIFIER
VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
Disc
onti
nue
d


Similar Part No. - HSM102

ManufacturerPart #DatasheetDescription
logo
Dc Components
HSM102 DCCOM-HSM102 Datasheet
450Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
logo
PACELEADER INDUSTRIAL
HSM102 PACELEADER-HSM102 Datasheet
406Kb / 2P
SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER
logo
Nantong Hornby Electron...
HSM102 HORNBY-HSM102 Datasheet
262Kb / 3P
SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
More results

Similar Description - HSM102

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FM4001 RECTRON-FM4001 Datasheet
23Kb / 2P
GLASS PASSIVATED SILICON RECTIFIER(VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
HFM101 RECTRON-HFM101 Datasheet
27Kb / 2P
SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
SM4001 RECTRON-SM4001 Datasheet
21Kb / 2P
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
FM4001L RECTRON-FM4001L Datasheet
351Kb / 4P
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
FM4001C RECTRON-FM4001C Datasheet
30Kb / 3P
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
HFM101L RECTRON-HFM101L Datasheet
332Kb / 5P
SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
HFM101W RECTRON-HFM101W Datasheet
32Kb / 3P
SURFACE MOUNT HIGH EFFICIENCY SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
SM4001 RECTRON-SM4001_07 Datasheet
303Kb / 4P
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
FM4001 RECTRON-FM4001_09 Datasheet
460Kb / 9P
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
HDB108LS RECTRON-HDB108LS Datasheet
98Kb / 6P
SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER VOLTAGE 1000 Volts CURRENT 1.0 Ampere
2015-04 REV: O
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com