Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLDB3 Datasheet(PDF) 3 Page - Rectron Semiconductor

Part # LLDB3
Description  TRIGGER DIODES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

LLDB3 Datasheet(HTML) 3 Page - Rectron Semiconductor

  LLDB3 Datasheet HTML 1Page - Rectron Semiconductor LLDB3 Datasheet HTML 2Page - Rectron Semiconductor LLDB3 Datasheet HTML 3Page - Rectron Semiconductor LLDB3 Datasheet HTML 4Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
JUNCTION TEMPERATURE, (OC)
AMBIENT TEMPERATURE, (
OC)
1.00
1.08
1.06
1.04
1.02
0
20
40
60
100
120
140
160
80
100
75
25
50
125
150
100
120
140
60
80
20
40
RATING AND CHARACTERISTICS CURVES ( LLDB3 AND LLDB3SEL )
FIG.4 POWER DISSPATION VERSUS AMBIENT
TEMPERATURE (MAXIMUM VALUES)
FIG.5 RELATIVE VARIATION OF VBO VERSUS
JUNCTION TEMPERATURE (TYPICAL VALUES)
tp, PULSE DURATION (uS)
10
0.01
0.1
2.0
1.0
1000
100
10000
FIG.6 PEAK PULSE CURRENT VERSUS
PULSE DURATION (MAXIMUM VALUES)
F=100Hz
TJ initial= 25 OC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com