Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISF166C Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # ISF166C
Description  GLASS PASSIVATED SUPER FAST RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 16 Amperes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

ISF166C Datasheet(HTML) 1 Page - Rectron Semiconductor

  ISF166C Datasheet HTML 1Page - Rectron Semiconductor ISF166C Datasheet HTML 2Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GLASS PASSIVATED SUPER FAST RECTIFIER
VOLTAGE RANGE 50 to 600 Volts CURRENT 16 Amperes
RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
FEATURES
* Low switching noise
* Low forward voltage drop
* Low thermal resistance
* High current capability
* Super fast switching speed
* High reliability
* Good for switching mode circuit
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
* Case: ITO-220 molded plastic
* Epoxy: Device has UL flammability classification 94V-O
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
* Weight: 2.24 grams
ISF161C
THRU
ISF167C
ITO-220
MAXIMUM RATINGS (At TA = 25
oC unless otherwise noted)
ELECTRICAL CHARACTERISTICS (At TA = 25
oC unless otherwise noted)
NOTES : 1. Test Conditions: IF = 0.5A, IR = -1.0A, IRR = -0.25A
2. Measured at 1 MHz and applied reverse voltage of 4.0 volts.
3. Suffix “A” =Common Anode.
Dimensions in inches and (millimeters)
2003-1
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at TC = 125
oC
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Thermal Resistance
Typical Junction Capacitance (Note 2)
SYMBOL
VRRM
VDC
IFSM
CJ
TJ, TSTG
VRMS
UNITS
Volts
Volts
Amps
16.0
150
3
50
Amps
0C/ W
0 C
Operating and Storage Temperature Range
R
θJC
IO
-55 to + 150
pF
Volts
30
CHARACTERISTICS
at Rated DC Blocking Voltage
Maximum Reverse Recovery Time (Note 1)
VF
SYMBOL
IR
nSec
uAmps
Maximum DC Reverse Current
Maximum Instantaneous Forward Voltage at 8.0A DC
Volts
10
35
@TC = 100
oC
@TC = 25
oC
trr
1.0
1.35
500
50
UNITS
ISF161C
ISF163C
ISF165C
ISF162C
ISF164C
ISF166C
100
300
150
ISF161C
ISF163C
ISF165C
ISF162C
ISF164C
200
400
ISF166C
50
100
300
150
200
400
50
70
210
105
140
280
35
600
ISF167C
600
420
ISF167C
1.70
.138(3.5)
.406(10.3)
.114(2.9)
.055(1.4)
.382(9.7)
.098(2.5)
.039(1.0)
.169(4.3)
.110(2.8)
.602(15.3)
.035(0.9)
.108(2.75)
.091(2.30)
.020(0.5)
.579(14.7)
.031(0.8)
.016 (0.4)
.185(4.7)
.122(3.1)
.154 (3.9)
.138 (3.5)
.071(1.8)
.055(1.4)
.531(13.5)
.492(12.5)
.114(2.9)
.098(2.5)
.134(3.4)


Similar Part No. - ISF166C

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
ISF1001 ISC-ISF1001 Datasheet
310Kb / 3P
isc Silicon NPN Power Transistor
ISF1002 ISC-ISF1002 Datasheet
367Kb / 3P
Trench and Field-Stop IGBT
2023-8-17
ISF1009 ISC-ISF1009 Datasheet
342Kb / 2P
isc N-Channel MOSFET Transistor
logo
Rectron Semiconductor
ISF101 RECTRON-ISF101 Datasheet
112Kb / 5P
GLASS PASSIVATED SUPER FAST RECTIFIER
logo
Inchange Semiconductor ...
ISF1012 ISC-ISF1012 Datasheet
286Kb / 2P
isc N-Channel MOSFET Transistor
2023-9-7
More results

Similar Description - ISF166C

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SF51CK RECTRON-SF51CK Datasheet
212Kb / 4P
GLASS PASSIVATED SUPER FAST RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 5.0 Amperes
SF81K RECTRON-SF81K Datasheet
197Kb / 3P
GLASS PASSIVATED SUPER FAST RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 8.0 Amperes
SF161S RECTRON-SF161S Datasheet
198Kb / 3P
GLASS PASSIVATED SUPER FAST RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 16 Amperes
SF161A RECTRON-SF161A_V01 Datasheet
714Kb / 5P
GLASS PASSIVATED SUPER FAST RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 16 Amperes
2022-04 REV:A
SF161CS RECTRON-SF161CS_V01 Datasheet
382Kb / 5P
GLASS PASSIVATED SUPER FAST RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 16 Amperes
2022-04 REV:B
SF161 RECTRON-SF161_V01 Datasheet
168Kb / 5P
GLASS PASSIVATED SUPER FAST RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 16.0 Amperes
2017-03 REV: O
SF61 RECTRON-SF61 Datasheet
339Kb / 6P
GLASS PASSIVATED SUPER FAST RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 6.0 Amperes
2020-04 REV:A
SF61K RECTRON-SF61K Datasheet
250Kb / 5P
GLASS PASSIVATED SUPER FAST RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 6.0 Amperes
2022-04 REV:B
SF81S RECTRON-SF81S_V01 Datasheet
28Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 8.0 Amperes
2002-12
SF81 RECTRON-SF81_V01 Datasheet
354Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 8.0 Amperes
2018-07 REV: D
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com