Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB3510 Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # MB3510
Description  SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 35 Amperes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

MB3510 Datasheet(HTML) 2 Page - Rectron Semiconductor

  MB3510 Datasheet HTML 1Page - Rectron Semiconductor MB3510 Datasheet HTML 2Page - Rectron Semiconductor MB3510 Datasheet HTML 3Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RATING AND CHARACTERISTICS CURVES ( MB3505 THRU MB3510 )
MB-35W
MB-35
.480 (12.2)
.425 (10.8)
1.181 (30.0)
1.102 (28.0)
.673 (17.1)
.633 (16.1)
.673 (17.1)
.633 (16.1)
.033x.250
(0.8x6.4)
1.181 (30.0)
1.102 (28.0)
.732 (18.6)
.582 (14.8)
.543 (13.8)
.692 (17.6)
.452
(11.5) MAX.
HOLE FOR
NO. 8 SCREW
AC
AC
.042 (1.1)
.080 (2.0)
(11.5)
DIA.
TYP.
.452 MAX.
(15.0)
.591 MAX.
.732 (18.6)
.692 (17.6)
AC
AC
1.181 (30.0)
1.102 (28.0)
HOLE FOR NO.
8 SCREW
1.181 (30.0)
1.102 (28.0)
.468 (11.9)
.429 (10.9)
.732 (18.6)
.692 (17.6)
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
INSTANTANEOUS FORWARD VOLTAGE, (V)
CASE TEMPERATURE, (
OC)
0
1
0.1
10
100
1000
0
7
14
21
28
35
42
20
40
60
80
100
120
140
150
100
50
0
0
0.5
1.0
2.0
2.5
3.5 4.0
1
10
100
500
3.0
1.5
4.5
FIG.3 TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
FIG.1 TYPICAL FORWARD CURRENT
DERATING CURVE
FIG.2 TYPICAL REVERSE
CHARACTERISTICS
NUMBER OF CYCLES AT 60Hz
1
500
600
100
0
200
400
300
2
5
10
20 50
100
FIG.4 MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
Single Phase Half Wave
60Hz Inductive or
Resistive Load
0.375" (9.5mm) Lead Length
8.3mS Single Half Sine-Wave
JEDEC Method
TJ = 25 OC
Pulse width=300mS
1% Duty Cycle
TA = 100 OC
TA = 25 OC
TA = 75 OC



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com