Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MD7 Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # MD7
Description  SINGLE-PHASE GLASS PASSIVATED SILICON MINI BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 0.5 Ampere
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

MD7 Datasheet(HTML) 2 Page - Rectron Semiconductor

  MD7 Datasheet HTML 1Page - Rectron Semiconductor MD7 Datasheet HTML 2Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RECTRON
RATING AND CHARACTERISTIC CURVES ( MD1 THRU MD7 )
POWER DISSIPATION
0
0.2
0.4
0.6
0.8
1
2.4
2
1.6
1.2
0.8
0.4
0
AVERAGE RECTIFIED FORWARD CURRENT, Io (A)
sine wave
Tj=150
TYPICAL INSTANTANEOUS FORWARD
2
0.5
0.2
0.1
0.05
0
0.2
0.4
0.6
0.8
1
1.2
1
pulse test
per one diode
TL=150
(TYP)
CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, (V)
TL=25
(TYP)
SURGE FORWARD CURRENT CAPABILITY
0
5
10
15
20
25
30
35
1
2
5
10
20
50
100
sine wave
non-repetitive
Tj=25
1 cycle
8.3ms 8.3ms
0
NUMBER OF CYCLE
0
40
80
120
160
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
sine wave
R-load
free in air
TYPICAL FORWARD CURRENT
DERATING CURVE
AMBIENT TEMPERATURE, (
)
on aluminum
substrate
on glass
-epoxy substrate



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com