Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBTA13 Datasheet(PDF) 4 Page - Rectron Semiconductor

Part # MMBTA13
Description  SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(NPN)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

MMBTA13 Datasheet(HTML) 4 Page - Rectron Semiconductor

  MMBTA13 Datasheet HTML 1Page - Rectron Semiconductor MMBTA13 Datasheet HTML 2Page - Rectron Semiconductor MMBTA13 Datasheet HTML 3Page - Rectron Semiconductor MMBTA13 Datasheet HTML 4Page - Rectron Semiconductor MMBTA13 Datasheet HTML 5Page - Rectron Semiconductor MMBTA13 Datasheet HTML 6Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
RS, SOURCE RESISTANCE (KW)
Figure 2 Noise Current
Figure 4 Wideband Noise Figure
Figure 3. Total Wideband Noise Voltage
BANDWIDTH = 10 Hz TO 15.7 kHz
50
100
200
500
20
5.0
50
70
100
200
30
10
20
1.0
10
10
20
50 100 200 500 1 k 2 k 5 k 10 k 20 k 50 k 100 k
2.0
1.0
0.7
0.5
0.3
0.2
0.1
0.07
0.05
0.03
0.02
BANDWIDTH = 1.0 Hz
RS 0
BANDWIDTH = 1.0 Hz
IC= 1.0 mA
IC= 1.0 mA
IC= 1.0 mA
100uA
100uA
10uA
10uA
2.0
5.0
10
20
50 100 200
500 100
BANDWIDTH = 10 Hz TO 15.7 kHz
8.0
10
12
14
6.0
0
4.0
1.0 2.0
5.0
10 20
50 100 200
500 100
2.0
1.0 mA
10 20
50 100 200 500 1 k 2 k 5 k 10 k 20 k 50 k 100 k
VCE=5.0V
f=100MHz
TJ=25OC
Figure 5 Capacitance
VR, REVERSE VOLTAGE (V)
5.0
7.0
10
20
3.0
Figure 6 High Frequency Current Gain
IC, COLLECTOR CURRENT (mA)
2.0
0.04
4.0
2.0
1.0
0.8
0.6
0.4
0.2
TJ=25OC
0.1 0.2 0.4
1.0 2.0 4.0
10 20
40
Cibo
0.5 1.0 2.0
0.5 10 20
50
100 200
500
Figure 1 Noise Voltage
f, FREQUENCY (Hz)
f, FREQUENCY (Hz)
RS, SOURCE RESISTANCE (KW)
RATING AND CHARACTERISTICS CURVES ( MMBTA13 )
VCE=5.0V
f=100MHz
TJ=25OC
Cobo
IC=10uA
IC=1.0mA
100 uA
100 uA
10 uA
~~



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com