Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBPC5010P Datasheet(PDF) 4 Page - Won-Top Electronics

Part # KBPC5010P
Description  40, 50A HIGH CURRENT BRIDGE RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

KBPC5010P Datasheet(HTML) 4 Page - Won-Top Electronics

  KBPC5010P Datasheet HTML 1Page - Won-Top Electronics KBPC5010P Datasheet HTML 2Page - Won-Top Electronics KBPC5010P Datasheet HTML 3Page - Won-Top Electronics KBPC5010P Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
KBPC40, 50P/W SERIES
4 of 4
© 2002 Won-Top Electronics
ORDERING INFORMATION
Product No.
Package Type
Shipping Quantity
KBPCxx00P
Square Bridge
50 Units/Box
KBPCxx00PW
Square Bridge
50 Units/Box
KBPCxx01P
Square Bridge
50 Units/Box
KBPCxx01PW
Square Bridge
50 Units/Box
KBPCxx02P
Square Bridge
50 Units/Box
KBPCxx02PW
Square Bridge
50 Units/Box
KBPCxx04P
Square Bridge
50 Units/Box
KBPCxx04PW
Square Bridge
50 Units/Box
KBPCxx06P
Square Bridge
50 Units/Box
KBPCxx06PW
Square Bridge
50 Units/Box
KBPCxx08P
Square Bridge
50 Units/Box
KBPCxx08PW
Square Bridge
50 Units/Box
KBPCxx10P
Square Bridge
50 Units/Box
KBPCxx10PW
Square Bridge
50 Units/Box
Shipping quantity given is for minimum packing quantity only. For minimum order
quantity, please consult the Sales Department.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any
responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to
manufacturer. WTE reserves the right to change any or all information herein without further notice.
WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life
support devices or systems without the express written approval.
Wepoweryoureveryday.
Won-Top Electronics Co., Ltd.
No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan
Phone: 886-7-822-5408 or 886-7-822-5410
Fax: 886-7-822-5417
Email: sales@wontop.com
Internet: http://www.wontop.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com