Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR320A Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # PR320A
Description  SIDACTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

PR320A Datasheet(HTML) 1 Page - Rectron Semiconductor

  PR320A Datasheet HTML 1Page - Rectron Semiconductor PR320A Datasheet HTML 2Page - Rectron Semiconductor PR320A Datasheet HTML 3Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SIDACTOR
PR058A
THRU
PR320A
ELECTRICAL CHARACTERISTICS(@TA=25 OC unless otherwise noted)
RATINGS
Peak One-Cycle Surge Current (Note 2)
Off-state Capacitance (Note 1)
SYMBOL
ITSM
CO
UNITS
50
38
35
85
Amps
pF
PR160A
PR058A
PR065A
PR075A
PR320A
PR190A
PR220A
PR275A
PR160A
PR058A
PR065A
PR075A
PR320A
PR190A
PR220A
PR275A
2007-11
CHARACTERISTICS
Peak Off-state Voltage @IDRM= 5uA
SYMBOL
VDRM
Switching Voltage @IS= 800mA (Note 3)
VS
V
320
400
58
77
65
88
75
98
160
220
190
260
220
300
275
350
VT
Minimum On-state Voltage at 1.0A
Volts
4
V
Holding Current
I H
150
mA
UNITS
NOTES : 1. Off-state capacitance is measured at 10KHz @0.3V with a DC48V bias.
2. Surge rating test standard : 10/100uS.
3. Vs is measured at 100V/uS.
4. “Fully ROHS compliant”, “100% Sn plating (Pb-free)”.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
MAXIMUM RATINGS (@ TA=25 OC unless otherwise noted)
FEATURES
* Low switching noise
* Low forward voltage drop
* High current capability
* High switching capability
* High surge capabitity
* High reliability
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: Device has UL flammability classification 94V-O
* Lead: MIL-STD-202E method 208C guaranteed
* Metallurgically bonded construction
* Mounting position: Any
Dimensions in inches and (millimeters)
CELL
.165 (4.2)
.150 (3.8)
.102 (2.6)
.087 (2.2)
.114 (2.9)
.098 (2.5)
.006 (0.15)
.002 (0.05)


Similar Part No. - PR320A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PR3200 ETC1-PR3200 Datasheet
86Kb / 2P
DIFFERENTIAL PRESSURE TRANSMITTER
PR3200/MP ETC1-PR3200/MP Datasheet
86Kb / 2P
DIFFERENTIAL PRESSURE TRANSMITTER
More results

Similar Description - PR320A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
T10A060B LITTELFUSE-T10A060B Datasheet
143Kb / 2P
SIDACtor Devices
P2000AA61L LITTELFUSE-P2000AA61L Datasheet
142Kb / 2P
SIDACtor
SDP0080Q38CB LITTELFUSE-SDP0080Q38CB Datasheet
912Kb / 5P
SIDACtor Protection Thyristors
logo
Rectron Semiconductor
RL058A RECTRON-RL058A Datasheet
179Kb / 3P
SIDACTOR
RLA058A RECTRON-RLA058A Datasheet
266Kb / 4P
SIDACTOR
SMA3100A RECTRON-SMA3100A Datasheet
332Kb / 4P
SIDACTOR
SMB2300C RECTRON-SMB2300C Datasheet
338Kb / 4P
SIDACTOR
logo
HuaXinAn Electronics CO...
PXXXC HUAXINAN-PXXXC Datasheet
376Kb / 7P
SIDACtor Protection Thyristors
P0080ECMCL HUAXINAN-P0080ECMCL Datasheet
332Kb / 6P
SIDACtor Protection Thyristors
logo
Littelfuse
P3403ACMCL LITTELFUSE-P3403ACMCL Datasheet
1Mb / 4P
SIDACtor Protection Thyristors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com