Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD101CWS Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # SD101CWS
Description  SCHOTTKY DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

SD101CWS Datasheet(HTML) 2 Page - Rectron Semiconductor

  SD101CWS Datasheet HTML 1Page - Rectron Semiconductor SD101CWS Datasheet HTML 2Page - Rectron Semiconductor SD101CWS Datasheet HTML 3Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RECTRON
RATING AND CHARACTERISTICS CURVES ( SD101CWS )
Figure2 Typical Forward Characteristics
Figure4 Typical Reverse Characteristics
VF.FORWARD VOLTAGE(V)
Figure1 Power Derating Curve
TA.AMBIENT TEMPERATURE(
OC)
Figure3 Typical Total Capacitance vs Reverse Voltage
VR.REVERSE VOLTAGE (V)
VR.REVERSE VOLTAGE (V)
0
100
200
0
25
50
75
100
150
125
300
400
500
1.0
10
0.01
0.1
0
1.0
0.5
1
2
0
0
50
10
20
30
40
0
30
40
50
60
20
10
0.0001
0.001
0.01
0.1
1
10
Ta=125
O
C
Ta=75
O
C
Ta=25
O
C
Ta=0
O
C
Ta=-85
O
C
Tj=25
O
C
f=1MHz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com