Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBJ4 Datasheet(PDF) 2 Page - Won-Top Electronics

Part # KBJ4
Description  4.0A BRIDGE RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

KBJ4 Datasheet(HTML) 2 Page - Won-Top Electronics

  KBJ4 Datasheet HTML 1Page - Won-Top Electronics KBJ4 Datasheet HTML 2Page - Won-Top Electronics KBJ4 Datasheet HTML 3Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
0.1
1.0
10
100
0.2
0.0
0.6
1.0
1.8
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Fwd Characteristics, per element
F
T = 25 C
j
°
Pulse width = 300 s
µ
1.4
0
40
80
120
160
1
10
100
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Maximum Non-Repetitive Surge Current
T= 25 C
j
°
Single half-sine-wave
(JEDEC method)
0
0
2
4
6
25
50
75
100
125
150
T , TEMPERATURE ( C)
Fig. 1 Forward Current Derating Curve
°
Resistive or
Inductive load
3
5
1
Heatsink
10
100
1
1
10
100
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Junction Capacitance
R
f = 1.0MHz
T= 25 C
j
°
KBJ4A – KBJ4M
2 of 3
© 2002 Won-Top Electronics
PC Board



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com