Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBPC5010PW Datasheet(PDF) 1 Page - Won-Top Electronics

Part # KBPC5010PW
Description  40, 50A HIGH CURRENT BRIDGE RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

KBPC5010PW Datasheet(HTML) 1 Page - Won-Top Electronics

  KBPC5010PW Datasheet HTML 1Page - Won-Top Electronics KBPC5010PW Datasheet HTML 2Page - Won-Top Electronics KBPC5010PW Datasheet HTML 3Page - Won-Top Electronics KBPC5010PW Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
KBPC40, 50P/W SERIES
1 of 4
© 2002 Won-Top Electronics
KBPC40, 50P/W SERIES
40, 50A HIGH CURRENT BRIDGE RECTIFIER
Features
!
Diffused Junction
A
A
!
Low Reverse Leakage Current
C
C
!
Low Power Loss, High Efficiency
G
G
!
Electrically Isolated Epoxy Case for
~
~
+
Maximum Heat Dissipation
D
+
C
C
!
Case to Terminal Isolation Voltage 2500V
-
~
-
~
D
!
UL Recognized File # E157705
H
H
Mechanical Data
E
E
!
Case: Epoxy Case with Heat Sink Internally
B
B
Mounted in the Bridge Encapsulation
Metal Heat Sink
!
Terminals: Plated Leads Solderable per
KBPC-P
KBPC-PW
MIL-STD-202, Method 208
!
Polarity: Symbols Marked on Case
!
Mounting: Through Hole for #10 Screw
!
Weight:
KBPC-P
24 grams (approx.)
KBPC-PW
21 grams (approx.)
!
Marking: Type Number
"W”
Suffix Designates Wire Leads
No Suffix Designates Faston Terminals
*All Models are Available on B(Height)=7.9mm Max. Epoxy Case
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristics
Symbol
-00P/W -01P/W -02P/W -04P/W -06P/W -08P/W -10P/W Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectifier Output Current
@TC = 55°C
KBPC40
KBPC50
IO
40
50
A
Non-Repetitive Peak Forward Surge
Current 8.3ms single half sine-wave
Superimposed on rated load
(JEDEC Method)
KBPC40
KBPC50
IFSM
400
400
A
Forward Voltage Drop
(per element)
KBPC40 @IF = 20A
KBPC50 @IF = 25A
VFM
1.2
V
Peark Reverse Current
@TC = 25°C
At Rated DC Blocking Voltage
@TC = 125°C
IRM
10
1.0
µA
mA
WT E
PO W E R SEM IC O ND UC TO R S
KBPC-P
KBPC-PW
Dim
Min
Max
Min
Max
A
28.40
28.70
28.40
28.70
B
10.97
11.23
10.97
11.23
C
15.70
16.70
17.10
19.10
D
17.50
18.50
10.90
11.90
E
22.86
25.40
30.50
—
G
Hole for #10 screw, 5.08Ø Nominal
H
6.35 Typical
0.97Ø
1.07Ø
All Dimension in mm


Similar Part No. - KBPC5010PW

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBPC5010PW WTE-KBPC5010PW Datasheet
55Kb / 4P
50A HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
More results

Similar Description - KBPC5010PW

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
GBPC40 WTE-GBPC40 Datasheet
51Kb / 4P
40, 50A HIGH CURRENT BRIDGE RECTIFIER
GBPC40G WTE-GBPC40G Datasheet
53Kb / 4P
40, 50A GLASS PASSIVATED BRIDGE RECTIFIER
GBPC40GS WTE-GBPC40GS Datasheet
47Kb / 3P
40, 50A GLASS PASSIVATED IN-LINE BRIDGE RECTIFIER
GBPC50 WTE-GBPC50 Datasheet
60Kb / 4P
50A GLASS PASSIVATED HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
GBPC50S WTE-GBPC50S Datasheet
73Kb / 4P
50A GLASS PASSIVATED HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
KBPC50 WTE-KBPC50 Datasheet
54Kb / 4P
50A HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
KBPC50P WTE-KBPC50P Datasheet
55Kb / 4P
50A HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
KBPC50S WTE-KBPC50S Datasheet
66Kb / 4P
50A HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
logo
Frontier Electronics.
BP50-005L FRONTIER-BP50-005L Datasheet
123Kb / 2P
50A HIGH CURRENT BRIDGE RECTIFIERS
logo
DONGGUAN YOU FENG WEI E...
KBPC5006 YFWDIODE-KBPC5006 Datasheet
563Kb / 3P
50A HIGH CURRENT SINGLE-PHASE SILICON BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com