Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # SE2
Description  SURFACE MOUNT SUPER FAST RECTIFIER VOLTAGE RANGE 50 to 400 Volts CURRENT 1.0 Ampere
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

SE2 Datasheet(HTML) 1 Page - Rectron Semiconductor

  SE2 Datasheet HTML 1Page - Rectron Semiconductor SE2 Datasheet HTML 2Page - Rectron Semiconductor SE2 Datasheet HTML 3Page - Rectron Semiconductor SE2 Datasheet HTML 4Page - Rectron Semiconductor SE2 Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SE6
THRU
SE1
SOD-123F
MAXIMUM RATINGS (@ TA=25 OC unless otherwise noted)
ELECTRICAL CHARACTERISTICS(@TA=25 OC unless otherwise noted)
Dimensions in inches and (millimeters)
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at TA = 55OC
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Thermal Resistance (Note 1)
Typical Junction Capacitance (Note 2)
SYMBOL
VRRM
VDC
IFSM
CJ
TSTG
VRMS
UNITS
Volts
Volts
Volts
Amps
1.0
15
130
15
10
Amps
0
C/W
0
C/W
0
C
Storage Temperature Range
R q J A
Typical Thermal Resistance (Note 1)
30
R q J L
IO
pF
Operating Temperature Range
TJ
SE1
50
150
-55 to + 150
0
C
SE3
SE4
150
200
35
105
140
50
SE2
100
70
100
150
200
SE5
300
210
300
SE6
SE1
SE3
SE4
SE2
SE5
SE6
400
400
280
2006-12
CHARACTERISTICS
Maximum Average Reverse Current
at Rated DC Blocking Voltage
VF
SYMBOL
IR
m
A
Maximum Instantaneous Forward Voltage at 1.0A DC
Volts
5
350
@TA = 25
oC
@TA = 100
oC
m
A
UNITS
0.95
1.25
trr
Maximum Reverse Recovery Time (Note 4)
nSec
35
NOTES : 1. Thermal Resistance :Mounted on PCB.
2. Measured at 1 MHz and applied reverse voltage of 4.0 volts.
3. "Fully ROHS compliant","100% Sn plating (Pb-free)".
4. Test Conditions: IF= 0.5A, IR= -1.0A, IRR= -0.25A.
SURFACE MOUNT SUPER FAST RECTIFIER
VOLTAGE RANGE 50 to 400 Volts CURRENT 1.0 Ampere
FEATURES
* High reliability
* Low leakage
* Low forward voltage
* High current capability
* Super fast switching speed
* High surge capability
* Good for switching mode circuit
MECHANICALDATA
* Case: Molded plastic
* Epoxy: Device has UL flammability classification 94V-O
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
* Weight: 0.016 gram
.150 (3.8)
.142 (3.6)
.035 (0.90)
.028 (0.70)
.053 (1.35)
.047 (1.20)
.077 (1.95)
.069 (1.75)
.030 (0.75)
.022 (0.55)
.008 (0.20)
.114 (2.9)
.106 (2.7)


Similar Part No. - SE2

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SE2 RECTRON-SE2 Datasheet
240Kb / 7P
SURFACE MOUNT SUPER FAST SILICON RECTIFIER VOLTAGE RANGE 50 to 800 Volts CURRENT 1.0 Ampere
2021-10 REV:F
logo
Turck, Inc.
SE20-84MT-RJ822 TURCK-SE20-84MT-RJ822 Datasheet
170Kb / 2P
Industrial Ethernet Managed Switch
2023-07-21
SE20-84X-RJ522 TURCK-SE20-84X-RJ522 Datasheet
176Kb / 1P
Industrial Ethernet Unmanaged Switch
2023-07-21
SE20-84XT-RJ422-FO TURCK-SE20-84XT-RJ422-FO Datasheet
186Kb / 2P
Industrial Ethernet Unmanaged Switch
2023-07-21
SE20-84XT-RJ822 TURCK-SE20-84XT-RJ822 Datasheet
172Kb / 1P
Industrial Ethernet Unmanaged Switch
2023-07-21
More results

Similar Description - SE2

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
EFM101 RECTRON-EFM101 Datasheet
27Kb / 2P
SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 1.0 Ampere)
ESM101 RECTRON-ESM101 Datasheet
26Kb / 2P
SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 1.0 Ampere)
UFM101 RECTRON-UFM101 Datasheet
21Kb / 2P
SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 1.0 Ampere)
05E1 RECTRON-05E1 Datasheet
44Kb / 3P
SURFACE MOUNT SUPER FAST RECTIFIER VOLTAGE RANGE 50 to 400 Volts CURRENT 0.5 Ampere
EFM101 RECTRON-EFM101_06 Datasheet
559Kb / 5P
SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 1.0 Ampere)
05E1L RECTRON-05E1L Datasheet
44Kb / 3P
SURFACE MOUNT SUPER FAST RECTIFIER VOLTAGE RANGE 50 to 400 Volts CURRENT 0.5 Ampere
EFM101B RECTRON-EFM101B Datasheet
68Kb / 2P
SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER VOLTAGE RANGE 50 to 400 Volts CURRENT 1.0 Ampere
EFMB101 RECTRON-EFMB101 Datasheet
59Kb / 2P
SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER VOLTAGE RANGE 50 to 400 Volts CURRENT 1.0 Ampere
SE1L RECTRON-SE1L Datasheet
441Kb / 4P
SURFACE MOUNT SUPER FAST RECTIFIER VOLTAGE RANGE 50 to 200 Volts CURRENT 1.0 Ampere
SE1L RECTRON-SE1L_V01 Datasheet
217Kb / 7P
SURFACE MOUNT SUPER FAST RECTIFIER VOLTAGE RANGE 50 to 400 Volts CURRENT 1.0 Ampere
2021-10 REV: D
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com