Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH2 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # SH2
Description  SURFACE MOUNT HIGH EFFICIENCY RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 1.0 Ampere
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

SH2 Datasheet(HTML) 1 Page - Rectron Semiconductor

  SH2 Datasheet HTML 1Page - Rectron Semiconductor SH2 Datasheet HTML 2Page - Rectron Semiconductor SH2 Datasheet HTML 3Page - Rectron Semiconductor SH2 Datasheet HTML 4Page - Rectron Semiconductor SH2 Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SH6
THRU
SH1
SOD-123F
MAXIMUM RATINGS (@ TA=25 OC unless otherwise noted)
ELECTRICAL CHARACTERISTICS(@TA=25 OC unless otherwise noted)
Dimensions in inches and (millimeters)
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at TA = 55OC
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Thermal Resistance (Note 1)
Typical Junction Capacitance (Note 2)
SYMBOL
VRRM
VDC
IFSM
CJ
TSTG
VRMS
UNITS
Volts
Volts
Volts
Amps
1.0
20
130
15
12
Amps
0
C/W
0
C/W
0
C
Storage Temperature Range
R q J A
Typical Thermal Resistance (Note 1)
30
R q J L
IO
pF
Operating Temperature Range
TJ
SH1
50
150
-55 to + 150
0
C
SH3
SH4
200
300
35
140
210
50
SH2
100
70
100
200
300
SH5
400
280
400
SH6
SH1
SH3
SH4
SH2
SH5
SH6
600
600
420
2006-12
CHARACTERISTICS
Maximum Average Reverse Current
at Rated DC Blocking Voltage
VF
SYMBOL
IR
m
A
Maximum Instantaneous Forward Voltage at 1.0A DC
Volts
5
100
@TA = 25
oC
@TA = 100
oC
m
A
UNITS
1.0
1.3
1.7
trr
Maximum Reverse Recovery Time (Note 4)
nSec
50
75
NOTES : 1. Thermal Resistance :Mounted on PCB.
2. Measured at 1 MHz and applied reverse voltage of 4.0 volts.
3. "Fully ROHS compliant","100% Sn plating (Pb-free)".
4. Test Conditions: IF= 0.5A, IR= -1.0A, IRR= -0.25A.
SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
VOLTAGE RANGE 50 to 600 Volts CURRENT 1.0 Ampere
FEATURES
* Low power loss, high efficiency
* Low leakage
* Low forward voltage
* High current capability
* High speed switching
* High surge capability
* High reliability
MECHANICAL DATA
* Epoxy: Device has UL flammability classification 94V-O
* Mounting position: Any
* Weight: 0.016 gram
.150 (3.8)
.142 (3.6)
.035 (0.90)
.028 (0.70)
.053 (1.35)
.047 (1.20)
.077 (1.95)
.069 (1.75)
.030 (0.75)
.022 (0.55)
.008 (0.20)
.114 (2.9)
.106 (2.7)


Similar Part No. - SH2

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SH2 RECTRON-SH2 Datasheet
849Kb / 7P
SURFACE MOUNT HIGH EFFICIENCY RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
2020-04 REV:B
logo
Ohmite Mfg. Co.
SH2-100R0010DE OHMITE-SH2-100R0010DE Datasheet
205Kb / 1P
Precision Metal-Clad Shunts
SH2-100R0010DE OHMITE-SH2-100R0010DE Datasheet
343Kb / 2P
Precision metal clad resistors designed
SH2-100R0010DE OHMITE-SH2-100R0010DE Datasheet
205Kb / 1P
Precision Metal-Clad Shunts
SH2-150R0006DE OHMITE-SH2-150R0006DE Datasheet
205Kb / 1P
Precision Metal-Clad Shunts
More results

Similar Description - SH2

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
HER101 RECTRON-HER101 Datasheet
29Kb / 2P
HIGH EFFICIENCY RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
05H1L RECTRON-05H1L Datasheet
42Kb / 3P
SURFACE MOUNT HIGH EFFICIENCY RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 0.5 Ampere
HFM101W RECTRON-HFM101W Datasheet
32Kb / 3P
SURFACE MOUNT HIGH EFFICIENCY SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
SF1 RECTRON-SF1 Datasheet
423Kb / 5P
SURFACE MOUNT FAST RECOVERY RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 1.0 Ampere
SH1L RECTRON-SH1L Datasheet
396Kb / 5P
SURFACE MOUNT HIGH EFFICIENCY RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 1.0 Ampere
SF1 RECTRON-SF1_10 Datasheet
368Kb / 7P
SURFACE MOUNT FAST RECOVERY RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 1.0 Ampere
logo
New Jersey Semi-Conduct...
HER101 NJSEMI-HER101 Datasheet
347Kb / 1P
HIGH EFFICIENCY RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
logo
PACELEADER INDUSTRIAL
1N4933 PACELEADER-1N4933 Datasheet
885Kb / 2P
VOLTAGE RANGE 50 to 600 Volts CURRENT 1.0 Ampere
logo
Rectron Semiconductor
SH1L RECTRON-SH1L_V01 Datasheet
102Kb / 7P
SURFACE MOUNT HIGH EFFICIENCY RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
2022-04 REV:C
SH1 RECTRON-SH1_V01 Datasheet
849Kb / 7P
SURFACE MOUNT HIGH EFFICIENCY RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
2020-04 REV:B
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com