Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMB2300C Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # SMB2300C
Description  SIDACTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

SMB2300C Datasheet(HTML) 2 Page - Rectron Semiconductor

  SMB2300C Datasheet HTML 1Page - Rectron Semiconductor SMB2300C Datasheet HTML 2Page - Rectron Semiconductor SMB2300C Datasheet HTML 3Page - Rectron Semiconductor SMB2300C Datasheet HTML 4Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
t, TIME, (uS)
TJ, JUNCTION TEMPERATURE, (OC)
0 tr
td
100
50
-V
VT
VDRM VS
+V
+I
IT
IS
IH
IDRM
-I
-40 -20
0
60
100 120 140
40
-8
-6
-4
-2
0
4
6
8
10
2
12
14
20
80
160
-40 -20
0
60
100 120 140
40
20
80
160
RATING AND CHARACTERISTICS CURVES ( SMB2300C )
FIG.3 NORMALIZED VS CHANGE vs.
JUNCTION TEMPERATURE
FIG.1 V-I CHARACTERISTICS
FIG.2 PULSE WAVE-FORM
REVERSE VOLTAGE, (V)
1.0
0.8
0.6
0.4
1.2
1.4
1.6
1.8
2.0
FIG.4 NORMALIZED DC HOLDING CURRENT vs.
CASE TEMPERATURE
25 OC
25 OC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com