Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBPC800 Datasheet(PDF) 1 Page - Won-Top Electronics

Part # KBPC800
Description  8.0A BRIDGE RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

KBPC800 Datasheet(HTML) 1 Page - Won-Top Electronics

  KBPC800 Datasheet HTML 1Page - Won-Top Electronics KBPC800 Datasheet HTML 2Page - Won-Top Electronics KBPC800 Datasheet HTML 3Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
KBPC800 – KBPC810
1 of 3
© 2002 Won-Top Electronics
KBPC800 – KBPC810
8.0A BRIDGE RECTIFIER
Features
!
Diffused Junction
!
High Current Capability
!
High Case Dielectric Strength
H
!
High Surge Current Capability
J
!
Ideal for Printed Circuit Board Application
G
+
~
!
Plastic Material has Underwriters Laboratory
Flammability Classification 94V-O
E
A
!
UL Recognized File # E157705
~
-
E
Mechanical Data
!
Case: Molded Plastic
D
C
!
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
!
Polarity: Marked on Body
B
!
Weight: 5.4 grams (approx.)
A
!
Mounting Position: Through Hole for #6 Screw
!
Mounting Torque: 5.0 Inch-pounds Maximum
!
Marking: Type Number
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
KBPC
800
KPBC
801
KBPC
802
KBPC
804
KBPC
806
KBPC
808
KBPC
810
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current (Note 1) @TC = 50°C
IO
8.0
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
125
A
Forward Voltage (per element)
@IF = 4.0A
VFM
1.1
V
Peak Reverse Current
@TC = 25°C
At Rated DC Blocking Voltage
@TC = 100°C
IR
10
1.0
µA
mA
I2t Rating for Fusing (t<8.3ms) (Note 2)
I2t
64
A2s
Typical Junction Capacitance (Note 3)
Cj
100
pF
Typical Thermal Resistance (Note 4)
RJC
9.4
K/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +125
°C
Note: 1. Mounted on metal chassis.
2. Non-repetitive, for t > 1ms and < 8.3ms.
3. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
4. Thermal resistance junction to case per element.
WT E
PO W E R SEM IC ONDUCTORS
KBPC-8
Dim
Min
Max
A
18.54
19.56
B
6.35
7.60
C
19.00
—
D
1.27 Ø Typical
E
5.33
7.37
Hole for #6 screw
G
3.60
4.00
H
12.20
13.20
J
2.38 x 45°C Typical
All Dimensions in mm


Similar Part No. - KBPC800

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
KBPC800 JGD-KBPC800 Datasheet
124Kb / 2P
SINGLE PHASE 8.0 AMPS. SILICON BRIDGE RECTIFIERS
logo
Diotec Semiconductor
KBPC800 DIOTEC-KBPC800 Datasheet
199Kb / 2P
Silicon-Bridge Rectifiers
logo
Won-Top Electronics
KBPC800 WTE-KBPC800 Datasheet
60Kb / 4P
8.0A SINGLE-PHASE BRIDGE RECTIFIER
logo
Diotec Semiconductor
KBPC800 DIOTEC-KBPC800 Datasheet
126Kb / 2P
Silicon-Bridge-Rectifiers
logo
First Components Intern...
KBPC800 FCI-KBPC800 Datasheet
123Kb / 2P
8.0 Amp SINGLE PHASE SILICON BRIDGE
More results

Similar Description - KBPC800

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBJ8A WTE-KBJ8A Datasheet
48Kb / 3P
8.0A BRIDGE RECTIFIER
KBU800 WTE-KBU800 Datasheet
42Kb / 3P
8.0A BRIDGE RECTIFIER
logo
Diodes Incorporated
PBPC801 DIODES-PBPC801 Datasheet
64Kb / 2P
8.0A BRIDGE RECTIFIER
DS21311 Rev. E-2
logo
New Jersey Semi-Conduct...
PBPC801 NJSEMI-PBPC801 Datasheet
70Kb / 1P
8.0A BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
UD8KBA05 ZSELEC-UD8KBA05 Datasheet
119Kb / 2P
8.0A BRIDGE RECTIFIER
UR8KBA05 ZSELEC-UR8KBA05 Datasheet
118Kb / 2P
8.0A BRIDGE RECTIFIER
D8KB05 ZSELEC-D8KB05 Datasheet
109Kb / 2P
8.0A BRIDGE RECTIFIER
UR8KB05 ZSELEC-UR8KB05 Datasheet
116Kb / 2P
8.0A BRIDGE RECTIFIER
UD8KB05 ZSELEC-UD8KB05_V01 Datasheet
104Kb / 2P
8.0A BRIDGE RECTIFIER
UG8KB05 ZSELEC-UG8KB05_V01 Datasheet
104Kb / 2P
8.0A BRIDGE RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com