Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC849 Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # BC849
Description  SOT-23 - Power Transistor and Darlingtons
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

BC849 Datasheet(HTML) 2 Page - Rectron Semiconductor

  BC849 Datasheet HTML 1Page - Rectron Semiconductor BC849 Datasheet HTML 2Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
#
t
r
a
P
y
t
i
r
a
l
o
P
V
O
B
C
)
V
(
n
i
M
V
O
E
C
)
V
(
n
i
M
V
O
B
E
)
V
(
n
i
M
P
D
)
W
(
I
C
)
A
(
I
O
B
C
)
A
u
(
x
a
M
@ V
B
C
)
V
(
h
E
F
n
i
M
h
E
F
x
a
M
@
I
C
)
A
(
V
E
C
)
V
(
V
)
T
A
S
(
E
C
)
V
(
x
a
M
V
)
T
A
S
(
E
B
)
V
(
x
M
-
n
M
@
I
C
)
A
m
(
f
T
)
z
H
M
(
@
I
C
)
A
m
(
8
1
9
T
B
M
C
N
P
N0
3
5
13
5
2
2
.
05
3
.
0
0
5
5
10
2
3
10
4
.
0
-
0
0
.
1
4
0
1
-
4
A
2
2
2
2
T
B
M
C
N
P
N5
7
0
46
5
2
.
06
.
0
0
1
0
60
0
1
0
0
30
5
1
0
10
3
.
0
0
6
.
0
4
0
2
.
1
5
0
5
1
-
0
2
A
7
0
9
2
T
B
M
C
P
N
P0
6
0
65
5
2
.
06
.
0
0
1
0
50
0
1
0
0
30
5
1
0
10
4
.
0
-
0
3
.
1
5
0
5
1
-
0
5
4
0
9
3
T
B
M
C
N
P
N0
6
0
46
5
2
.
02
.
0
0
5 3
0
30
0
1
0
0
30
1
10
2
.
0
5
6
.
0
4
5
8
.
0
5
0
1
-
0
1
6
0
9
3
T
B
M
C
P
N
P0
4
0
45
5
2
.
02
.
0
0
5 3
0
30
0
1
0
0
30
1
15
2
.
0
5
6
.
0
4
5
8
.
0
5
0
1
-
0
1
1
0
4
4
T
B
M
C
N
P
N0
6
0
46
5
2
.
06
.
0
0
0
1
3
5
30
0
1
0
0
30
5
1
10
4
.
0
5
7
.
0
4
5
9
.
0
5
0
5
1
-
0
2
3
0
4
4
T
B
M
C
P
N
P0
4
0
45
5
2
.
06
.
0
0
0
1
3
5
30
0
1
0
0
30
5
1
20
4
.
0
5
7
.
0
4
5
9
.
0
5
0
5
1
-
0
2
1
0
4
5
T
B
M
C
P
N
P0
6
1
0
5
15
5
2
.
05
.
0
0
5
0
2
10
6
0
4
20
1
50
2
.
0
-
0
0
.
1
5
0
1
0
0
3
5
0
1
1
5
5
5
T
B
M
C
N
P
N0
8
1
0
6
16
5
2
.
06
.
0
0
5
0
2
10
8
0
5
20
1
55
1
.
0
-
0
0
.
1
5
0
1
0
0
3
5
0
1
5
0
A
T
B
M
C
N
P
N0
6
0
64
5
2
.
05
.
0
0
0
1
0
60
0
1
-0
0
1
15
2
.
0
-0
0
1
-
0
1
6
0
A
T
B
M
C
N
P
N0
8
0
84
5
2
.
05
.
0
0
0
1
0
80
0
1
-0
0
1
15
2
.
0
-0
0
1
-
0
1
3
1
A
T
B
M
C
N
P
N0
3
0
3 1
0
1
5
2
.
03
.
0
0
0
1
0
3k
0
1
-0
0
1
50
5
.
1
-0
0
1
-
0
1
4
1
A
T
B
M
C
N
P
N0
3
0
3 1
0
1
5
2
.
03
.
0
0
0
1
0
3k
0
2
-
0
0
1
50
5
.
1
-
-
0
0
1
-
0
1
2
4
A
T
B
M
C
N
P
N0
0
3
0
0
36
5
2
.
05
.
0
0
0
1
0
0
20
4
-
0
1
0
10
5
.
0
-
0
9
.
0
5
0
2
-
0
1
5
5
A
T
B
M
C
P
N
P0
6
0
64
5
2
.
05
.
0
0
0
1
0
60
0
1
-0
0
1
15
2
.
0
-0
0
1
-
0
0
1
6
5
A
T
B
M
C
P
N
P0
8
0
84
5
2
.
05
.
0
0
0
1
0
80
0
1
-0
0
1
15
2
.
0
-0
0
1
-
0
0
1
2
9
A
T
B
M
C
P
N
P0
0
3
0
0
35
5
2
.
05
.
0
0
5
2
0
0
20
4
-
0
1
0
10
5
.
0
-
0
9
.
0
5
0
2
-
0
1
1
5
4
T
M
M
C
N
P
N0
8
0
65
5
.
00
.
1
0
0
1
0
60
5
0
5
10
5
1
0
15
3
.
0
-
0
1
.
1
5
0
5
1
-
0
5
1
9
4
T
M
M
C
N
P
N0
8
0
65
5
.
00
.
1
0
0
1
0
60
0
1
0
0
30
0
5
55
2
.
0
-0
0
5
-
0
5
1
5
5
T
M
M
C
P
N
P0
8
0
65
5
.
00
.
1
0
0
1
0
60
5
0
5
10
5
1
0
15
3
.
0
-
0
1
.
1
5
0
5
1
-
0
5
1
9
5
T
M
M
C
P
N
P0
8
0
65
5
.
00
.
1
0
0
1
0
60
0
1
0
0
30
0
5
50
3
.
0
-0
0
5
-
0
5
R
G
2
6
1
1
A
S
C
P
N
P0
5
0
55
5
1
.
05
1
.
0
0
0
1
0
50
0
2
0
0
42
60
3
.
0
-0
0
1
-
1
R
G
2
6
3
1
A
S
C
P
N
P5
1
5
15
2
.
00
8
.
0
0
0
1
5
10
0
2
0
0
40
0
1
15
2
.
0
-0
0
4
0
2
1
4
0
1
R
G
2
1
7
2
C
S
C
N
P
N0
6
0
55
5
1
.
05
1
.
0
0
0
1
0
60
0
2
0
0
42
65
2
.
0
-0
0
1
-
1
E
6
0
3
1
D
S
C
N
P
N0
3
5
15
2
.
00
7
.
0
-
0
0
1
0
0
20
0
4
0
0
80
5
1
10
5
.
0
-0
0
5
0
5
2
4
0
5
1
1 I
CE0
2I
CBO
3V
CES
4I
CER
5f
T Typical Values



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com