Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34026 Datasheet(PDF) 1 Page - SCHOTT CORPORATION

Part # 34026
Description  TRANSFORMER, IMPEDANCE, CO
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHOTT [SCHOTT CORPORATION]
Direct Link  http://www.schottcorp.com/default.asp
Logo SCHOTT - SCHOTT CORPORATION

34026 Datasheet(HTML) 1 Page - SCHOTT CORPORATION

  34026 Datasheet HTML 1Page - SCHOTT CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
°
.010
.02
ANGLE
3 PLACE
2 PLACE
UNLESS OTHERWISE NOTED
TOLERANCES
34026
A
1 END
PAGE
REV
PART NUMBER
+
-
+
-
+
-
TITLE
TRANSFORMER,
IMPEDANCE, CO
SPECIFICATIONS
8
7
6
1
2
3
4
WAYZATA, MN 55391
CORPORATION
SCHOTT
1000 PARKERS LAKE ROAD
1. TEMP CLASS 130°C
2. INDUCTANCE: @ 1V, 100 KHz
7-3 = 844 µH MIN
3. DC RESISTANCE: OHMS MAX
1-6 = 0.200
2-1 = 0.200
3-7 = 0.190
4-8 = 0.110
4. HIPOT: 500 Vrms, 1 MINUTE
(600 VRMS FOR 1 SECOND)
2 TO 3&4, 3 TO 4, 2&3&4 TO CORE
5. LEAKAGE INDUCTANCE: @ 0.1 VRMS, 100 KHz
3-7 TIE 2&6 = 1 µH MAX
6. TURNS RATIO: 7-3 : 6-1 = 1 : 1.125 ± 2%
8-4 : 7-3 = 1 : 2 ± 2%
7-3 : 1-2 = 1 : 1.125 ± 2%
.110 MIN
(2.79)
.450 MAX
(11.43)
.295 ± .010
(7.49)
.100 ±.010
(2.54)
PINS: .020 Sq.
SCHOTT
34026
YYWW
.47 MAX
(11.94)
.500 MAX
(12.7)
1
4
5
8
inches
(mm)


Similar Part No. - 34026

ManufacturerPart #DatasheetDescription
logo
Littelfuse
340267 LITTELFUSE-340267 Datasheet
311Kb / 2P
Panel Mount Enclosed Fuseholders for 3AB/3AG/F02/F03 Fuses
05/01/24
More results

Similar Description - 34026

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
T-1231 RHOMBUS-IND-T-1231 Datasheet
26Kb / 1P
Impedance Transformer
4/19/99
T-1231G RHOMBUS-IND-T-1231G Datasheet
19Kb / 1P
Impedance Transformer
4/19/99
T-1236 RHOMBUS-IND-T-1236 Datasheet
30Kb / 1P
Impedance Transformer
4/19/99
logo
XFMRS Inc.
XF1010-AD1S XFMRS-XF1010-AD1S Datasheet
50Kb / 1P
IMPEDANCE TRANSFORMER
XF1496 XFMRS-XF1496 Datasheet
59Kb / 1P
IMPEDANCE TRANSFORMER
logo
Allied Components Inter...
AEE19-3763 ALLIED-AEE19-3763 Datasheet
330Kb / 1P
Impedance Transformer
logo
XFMRS Inc.
XF1010-AD1S XFMRS-XF1010-AD1S Datasheet
50Kb / 1P
IMPEDANCE TRANSFORMER
XF1496 XFMRS-XF1496 Datasheet
59Kb / 1P
IMPEDANCE TRANSFORMER
XF1010-AD1S XFMRS-XF1010-AD1S_15 Datasheet
50Kb / 1P
IMPEDANCE TRANSFORMER
logo
Allied Components Inter...
AEI19-4488 ALLIED-AEI19-4488 Datasheet
679Kb / 1P
Impedance Transformer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com