Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SR730CSDP Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # SR730CSDP
Description  SCHOTTKY BARRIER RECTIFIER VOLTAGE 30 Volts CURRENT 7.0 Amperes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

SR730CSDP Datasheet(HTML) 1 Page - Rectron Semiconductor

  SR730CSDP Datasheet HTML 1Page - Rectron Semiconductor SR730CSDP Datasheet HTML 2Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SCHOTTKY BARRIER RECTIFIER
VOLTAGE 30 Volts CURRENT 7.0 Amperes
RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
FEATURES
* Low switching noise
* Low forward voltage drop
* High current capability
* High switching capabitity
* High surge capability
* High reliability
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
* Case: Molded plastic
* Epoxy: Device has UL flammability classification 94V-O
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
SR730CSDP
Dimensions in inches and (millimeters)
MAXIMUM RATINGS (At TA = 25
oC unless otherwise noted)
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
.375” (9.5mm) lead length at TL = 95
oC
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
SYMBOL
VRRM
VDC
IFSM
VRMS
UNITS
Volts
Volts
Volts
Amps
21
30
7.0
80
Amps
IO
30
SR730CSDP
ELECTRICAL CHARACTERISTICS (At TA = 25
oC unless otherwise noted)
2. Measured at 1 MHz and applied reverse voltage of 4.0 volts.
NOTES : 1. Measured at Pulse Width 300 uS, Duty 2%.
2006-6
Typical Junction Capacitance (Note 2)
CJ
TJ, TSTG
250
0 C
Storage and Operating Temperature Range
-55 to + 150
pF
CHARACTERISTICS
Maximum Average Reverse Current at
Rated DC Blocking Voltage (Note 1)
VF
SYMBOL
IR
UNITS
mAmps
Volts
Maximum Instantaneous Forward Voltage at 6.0A DC (Note 1)
Maximum Instantaneous Forward Voltage at 3.0A DC (Note 1)
Volts
2.0
SR730CSDP
0.45
VF
0.52
20
@TA = 25
oC
@TA = 100
oC
3. “Fully ROHS compliant”, “100% Sn plating (Pb-free)”.
.265 (6.73)
.250 (6.35)
.094 (2.36)
.086 (2.19)
.023 (0.58)
.018(0.46)
.035 (0.89)
.022 (0.56)
.050 (1.27)
.030 (0.76)
.025 (0.60)
TYP.055 (1.40)
.045 (1.14)
.023 (0.58)
.018 (0.46)
TYP.043(1.10)
TYP.020 (0.50)
.181 (4.60)
1
2
K
PIN 1
PIN 2


Similar Part No. - SR730CSDP

ManufacturerPart #DatasheetDescription
logo
Jinan Jingheng (Group) ...
SR730 JINANJINGHENG-SR730 Datasheet
80Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SR730 CHENDA-SR730 Datasheet
125Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Shunye Electro...
SR730 SHUNYE-SR730 Datasheet
1Mb / 2P
SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SR730CSDP

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SR3020C RECTRON-SR3020C Datasheet
26Kb / 2P
SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 60 Volts CURRENT 30 Amperes)
SR760CSDP RECTRON-SR760CSDP Datasheet
25Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE 60 Volts CURRENT 7.0 Amperes
SR3045CS RECTRON-SR3045CS Datasheet
198Kb / 3P
SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 45 Volts CURRENT 30 Amperes
SPKC1230F RECTRON-SPKC1230F Datasheet
113Kb / 4P
SCHOTTKY BARRIER SOLAR RECTIFIER VOLTAGE 30 Volts CURRENT 12 Amperes
SR3050CS RECTRON-SR3050CS Datasheet
103Kb / 3P
SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 50 Volts CURRENT 30 Amperes
SR3060C-C-S-A01 RECTRON-SR3060C-C-S-A01 Datasheet
278Kb / 5P
SCHOTTKY BARRIER RECTIFIER VOLTAGE 60 Volts CURRENT 30 Amperes
SR30100CS RECTRON-SR30100CS Datasheet
214Kb / 5P
SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 100 Volts CURRENT 30 Amperes
SR30150CS RECTRON-SR30150CS Datasheet
422Kb / 5P
SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 150 Volts CURRENT 30 Amperes
2022-04 REV:B
SRL30100C RECTRON-SRL30100C Datasheet
406Kb / 5P
SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 100 Volts CURRENT 30 Amperes
2022-04 REV:A
SRL30150C RECTRON-SRL30150C Datasheet
87Kb / 5P
SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 150 Volts CURRENT 30 Amperes
2022-04 REV:A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com