Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SR760CSDP Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # SR760CSDP
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE 60 Volts CURRENT 7.0 Amperes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

SR760CSDP Datasheet(HTML) 2 Page - Rectron Semiconductor

  SR760CSDP Datasheet HTML 1Page - Rectron Semiconductor SR760CSDP Datasheet HTML 2Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RECTRON
RATING AND CHARACTERISTIC CURVES ( SR760CSDP )
FIG. 1 - TYPICAL FORWARD CURRENT
DERATING CURVE
LEAD TEMPERATURE, (
)
7.0
6.0
5.0
4.0
3.0
2.0
1.0
0
25
50
75
100
125
150
Single Phase
Half Wave 60Hz
Resistive of
Inductive Load
0.375" (9.5mm) Lead Length
FIG. 5 - MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
NUMBER OF CYCLE AT 60Hz
1
2
5
10
20
50
100
80
70
60
50
40
30
20
10
TL = 75
8.3ms Single Half Sine-Wave
(JEDEC Method)
FIG. 3 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, (V)
TJ = 25
Pulse Width = 300uS
1% Duty Cycle
20
10
1.0
.1
.2
.3
.4
.5
.6
.7
.8
.9
FIG. 4 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, (V)
500
200
100
50
20
10
5
.1
.2
.5
1
2
5
10
20
40
TJ = 25
FIG. 2 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
0
20
40
60
80
100
120
140
.001
.01
.1
1.0
10
TJ = 125
TJ = 25
TJ = 75



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com