Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBPC802G Datasheet(PDF) 1 Page - Won-Top Electronics

Part # KBPC802G
Description  8.0A GLASS PASSIVATED BRIDGE RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

KBPC802G Datasheet(HTML) 1 Page - Won-Top Electronics

  KBPC802G Datasheet HTML 1Page - Won-Top Electronics KBPC802G Datasheet HTML 2Page - Won-Top Electronics KBPC802G Datasheet HTML 3Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
KBPC800G – KBPC810G
1 of 3
© 2002 Won-Top Electronics
KBPC800G – KBPC810G
8.0A GLASS PASSIVATED BRIDGE RECTIFIER
Features
!
Glass Passivated Die Construction
!
High Current Capability
!
High Case Dielectric Strength
H
!
High Surge Current Capability
J
!
Ideal for Printed Circuit Board Application
G
+
~
!
Plastic Material has Underwriters Laboratory
Flammability Classification 94V-O
E
A
~
-
E
Mechanical Data
!
Case: Molded Plastic
D
C
!
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
!
Polarity: Marked on Body
B
!
Weight: 5.4 grams (approx.)
A
!
Mounting Position: Through Hole for #6 Screw
!
Mounting Torque: 5.0 Inch-pounds Maximum
!
Marking: Type Number
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
KBPC
800G
KPBC
801G
KBPC
802G
KBPC
804G
KBPC
806G
KBPC
808G
KBPC
810G
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current (Note 1) @TA = 50°C
IO
8.0
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
160
A
Forward Voltage (per element)
@IF = 4.0A
VFM
1.1
V
Peak Reverse Current
@TC = 25°C
At Rated DC Blocking Voltage
@TC = 125°C
IR
5.0
500
µA
I2t Rating for Fusing (t<8.3ms) (Note 2)
I2t
160
A2s
Typical Junction Capacitance (Note 3)
Cj
200
pF
Typical Thermal Resistance (Note 4)
RJC
6.0
K/W
Operating and Storage Temperature Range
Tj, TSTG
-55 to +150
°C
Note: 1. Mounted on 8.6" sq. x 0.24" thick Al. plate.
2. Non-repetitive, for t > 1ms and < 8.3ms.
3. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
4. Thermal resistance junction to case per element.
WT E
PO W E R SEM IC ONDUCTORS
KBPC-8
Dim
Min
Max
A
18.54
19.56
B
6.35
7.60
C
19.00
—
D
1.27 Ø Typical
E
5.33
7.37
Hole for #6 screw
G
3.60
4.00
H
12.20
13.20
J
2.38 x 45°C Typical
All Dimensions in mm


Similar Part No. - KBPC802G

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
KBPC802G JGD-KBPC802G Datasheet
128Kb / 2P
SINGLE PHASE 8.0 AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Won-Top Electronics
KBPC802G WTE-KBPC802G Datasheet
62Kb / 4P
8.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
KBPC802G WTE-KBPC802G Datasheet
52Kb / 4P
8.0A GLASS PASSIVATED SINGLE PHASE BRIDGE RECTIFIER
September, 2012
More results

Similar Description - KBPC802G

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBU800G WTE-KBU800G Datasheet
43Kb / 3P
8.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
GBU8005 DIODES-GBU8005 Datasheet
67Kb / 2P
8.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21227 Rev. D-2
GBU8005 DIODES-GBU8005_1 Datasheet
75Kb / 3P
8.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21227 Rev. 7 - 2
logo
Shenzhen Luguang Electr...
GBU8005 LUGUANG-GBU8005 Datasheet
76Kb / 2P
8.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
KBJ8A ZSELEC-KBJ8A Datasheet
127Kb / 2P
8.0A GLASS PASSIVATED BRIDGE RECTIFIER
HBS805 ZSELEC-HBS805 Datasheet
119Kb / 2P
8.0A GLASS PASSIVATED BRIDGE RECTIFIER
RS8005M ZSELEC-RS8005M Datasheet
127Kb / 2P
8.0A GLASS PASSIVATED BRIDGE RECTIFIER
TT8A ZSELEC-TT8A Datasheet
119Kb / 2P
8.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
KBJ801 YFWDIODE-KBJ801 Datasheet
540Kb / 3P
8.0A GLASS PASSIVATED BRIDGE RECTIFIER
GBU801G YFWDIODE-GBU801G Datasheet
543Kb / 3P
8.0A GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com