Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34543 Datasheet(PDF) 1 Page - SCHOTT CORPORATION

Part # 34543
Description  LM259X Inductor 22 關Hy 1.30 ADC
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHOTT [SCHOTT CORPORATION]
Direct Link  http://www.schottcorp.com/default.asp
Logo SCHOTT - SCHOTT CORPORATION

34543 Datasheet(HTML) 1 Page - SCHOTT CORPORATION

  34543 Datasheet HTML 1Page - SCHOTT CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
602
14835
YYWW
.375 MAX
(9.53)
.310 MAX
(7.87)
.390 MAX
(9.91)
.110 MIN
.200 ±.010
(5.080
.100 ±.010
(2.54)
NOTCH
LABEL
PINS: .017 Sq.
(O.43)
AGENCY APPROVAL:
N/A
+
-
+
-
+
-
PART NUMBER
REV
PAGE
1
34543
TOLERANCES
UNLESS
OTHERWISE
NOTED
2 PLACE
3 PLACE
ANGLE
.03
.010
°
TITLE
LM259X Inductor
22 µHy 1.30 ADC
1,2,3
4,5,6
A
ELECTRICAL CHARACTERISTICS
Specifications at room temperature (ref. 25°C)
1. INDUCTANCE: @ 10 kHz, 0.1 Vrms,
(1 thru 3 to 4 thru 6 ) = 22 - 30 µH
2. DC RESISTANCE:
(1 thru 3 to 4 thru 6 ) = .060 Ohms Max.
3. SRF: 2.0 MHZ Min.
4. HIPOT: 500 VDC
WINDING TO CORE
2 SEC., 5 mA MAX
GENERAL NOTES:
1. Current rating is the current at which the inductance is a minimum
of 90% of the rated value.
2. All pins may not be used; electrical schematic is based on the
standard footprint.
WAYZATA, MN 55391
CORPORATION
SCHOTT
1000 PARKERS LAKE ROAD
Jumper terminals
on PC Board.
Jumper terminals
on PC Board.
Old Schott P/N: 67148350
.100 ±.010
TYP
.200 ±.010
PWB LAYOUT
1
3
4
6


Similar Part No. - 34543

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3454 ETC2-3454 Datasheet
246Kb / 2P
Heyco-Tite Brass Liquid Tight Cordgrips PG Hubs
logo
Heyco.
3454 HEYCO-3454 Datasheet
220Kb / 1P
Heyco® Original Series-35 Liquid Tight Cordgrips
logo
ASM GmbH
3454-10 ASM-SENSOR-3454-10 Datasheet
510Kb / 2P
DIGITAL M廓 HiTESTER
3454-11 ASM-SENSOR-3454-11 Datasheet
510Kb / 2P
DIGITAL M廓 HiTESTER
logo
SCHOTT CORPORATION
34540 SCHOTT-34540 Datasheet
12Kb / 1P
LM259X Inductor 68 關Hy .70 ADC
More results

Similar Description - 34543

ManufacturerPart #DatasheetDescription
logo
SCHOTT CORPORATION
34535 SCHOTT-34535 Datasheet
12Kb / 1P
LM259X Inductor 22 關Hy .50 ADC
34536 SCHOTT-34536 Datasheet
12Kb / 1P
LM259X Inductor 330 關Hy .30 ADC
34552 SCHOTT-34552 Datasheet
12Kb / 1P
LM259X Inductor 22 關Hy 1.65 ADC
34561 SCHOTT-34561 Datasheet
13Kb / 1P
LM259X Inductor 22 關Hy 3.50 ADC
34569 SCHOTT-34569 Datasheet
23Kb / 1P
LM259X Inductor, 22 關Hy 3.70 ADC
34579 SCHOTT-34579 Datasheet
14Kb / 1P
LM259X Inductor 22 關Hy .50 ADC
34587 SCHOTT-34587 Datasheet
14Kb / 1P
LM259X Inductor 22 關Hy 1.30 ADC
34596 SCHOTT-34596 Datasheet
16Kb / 1P
LM259X Inductor 22 關Hy 1.65 ADC
34605 SCHOTT-34605 Datasheet
15Kb / 1P
LM259X Inductor 22 關Hy 3.50 ADC
34645 SCHOTT-34645 Datasheet
15Kb / 1P
LM259X Inductor 22 關Hy 3.70 ADC
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com