Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SR2020CS Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # SR2020CS
Description  SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 20.0 Ampere
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

SR2020CS Datasheet(HTML) 1 Page - Rectron Semiconductor

  SR2020CS Datasheet HTML 1Page - Rectron Semiconductor SR2020CS Datasheet HTML 2Page - Rectron Semiconductor SR2020CS Datasheet HTML 3Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SCHOTTKY BARRIER RECTIFIER
VOLTAGE RANGE 20 to 200 Volts CURRENT 20.0 Ampere
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SR20200CS
THRU
SR2020CS
D2-PAK
Dimensions in inches and (millimeters)
PIN 1
PIN 1
PIN 3
PIN 3
HEATSINK
PIN 2
PIN 2
FEATURES
* Low switching noise
* Low forward voltage drop
* Low thermal resistance
* High current capability
* High switching capability
* High surge capabitity
* High reliability
MECHANICAL DATA
* Case: To-220 molded plastic
* Epoxy: Device has UL flammability classification 94V -O
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
* Weight: 2.24 grams
MAXIMUM RATINGS (@ TA=25 OC unless otherwise noted)
ELECTRICAL CHARACTERISTICS(@TA=25 OC unless otherwise noted)
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at Derating Case Temperature
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Thermal Resistance (Note 1)
Typical Junction Capacitance (Note 3)
SYMBOL
VRRM
VDC
IFSM
CJ
TSTG
VRMS
UNITS
Volts
Volts
Volts
Amps
20
150
2.0
40
700
Amps
0
C/W
0
C
Storage Temperature Range
R q J C
R q J A
IO
pF
Operating Temperature Range
TJ
SR2020CS
20
150
-55 to + 150
0
C
SR2035CS
SR2030CS
SR2040CS SR2045CS SR2050CS SR2060CS
30
35
40
45
50
60
14
21
25
28
32
35
42
20
30
35
40
45
50
60
SR2080CS SR20100CS SR20150CS SR20200CS
SR2020CS
SR2035CS
SR2030CS
SR2040CS SR2045CS SR2050CS SR2060CS SR2080CS SR20100CS SR20150CS SR20200CS
80
100
150
200
80
100
150
200
56
70
105
140
500
NOTES : 1. Thermal Resistance : Heat-sink mounted.
2. Suffix “A” = Common Anode.
3. Measured at 1 MHz and applied reverse voltage of 4.0 volts.
4. "Fully ROHS compliant","100% Sn plating (Pb-free)".
2009-04
REV: O
CHARACTERISTICS
Maximum Average Reverse Current
at Rated DC Blocking Voltage
VF
SYMBOL
IR
mA
Maximum Instantaneous Forward Voltage at 10.0A DC
Volts
1.0
10
@TA = 25
oC
@TA = 100
oC
.65
mA
UNITS
.75
.85
.412 (10.46)
.388 (9.86)
.189 (4.80)
.173 (4.40)
.053 (1.35)
.049 (1.25)
.020 (0.50)
.055 (1.40)
.047 (1.20)
.202 (5.13)
.028 (0.71)
.198 (5.03)
.036 (0.91)
.012 (0.30)


Similar Part No. - SR2020CS

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
SR2020C MIC-SR2020C Datasheet
45Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
SR2020C RECTRON-SR2020C Datasheet
234Kb / 3P
SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 20.0 Ampere
logo
Microdiode Semiconducto...
SR2020C CHENDA-SR2020C Datasheet
125Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
CHENG-YI ELECTRONIC CO....
SR2020C CHENG-YI-SR2020C Datasheet
413Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Shunye Electro...
SR2020C SHUNYE-SR2020C Datasheet
261Kb / 2P
SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SR2020CS

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SR220 RECTRON-SR220 Datasheet
223Kb / 3P
SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 2.0 Ampere
FM220L RECTRON-FM220L Datasheet
363Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 2.0 Ampere
SR0520 RECTRON-SR0520 Datasheet
224Kb / 3P
LOW Vf SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 0.5 Ampere
SR520K RECTRON-SR520K Datasheet
194Kb / 3P
SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 5.0 Ampere
SR820K RECTRON-SR820K Datasheet
194Kb / 3P
SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 8.0 Ampere
SR1620C RECTRON-SR1620C Datasheet
183Kb / 3P
SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 16.0 Ampere
SR2020C RECTRON-SR2020C Datasheet
234Kb / 3P
SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 20.0 Ampere
FM120B RECTRON-FM120B_V01 Datasheet
286Kb / 6P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 1.0 Ampere
2018-09 REV: A
SR20H200C RECTRON-SR20H200C Datasheet
966Kb / 5P
SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 200 Volts CURRENT 20.0 Amperes
2022-04/52 REV:A
SR20200A RECTRON-SR20200A Datasheet
851Kb / 5P
SCHOTTKY BARRIER RECTIFIER VOLTAGE 200 Volts CURRENT 20.0 Ampere
2022-04/52 REV:A
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com