Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34603 Datasheet(PDF) 1 Page - SCHOTT CORPORATION

Part # 34603
Description  LM259X Inductor 47 關Hy 2.25 ADC
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHOTT [SCHOTT CORPORATION]
Direct Link  http://www.schottcorp.com/default.asp
Logo SCHOTT - SCHOTT CORPORATION

34603 Datasheet(HTML) 1 Page - SCHOTT CORPORATION

  34603 Datasheet HTML 1Page - SCHOTT CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
NOTE:
COPLANARITY OF ±.004
ACROSS ALL LEADS
AGENCY APPROVAL:
N/A
+
-
+
-
+
-
PARTNUMBER
REV
PAGE
1
34603
TOLERANCES
UNLESSOTHERWISENOTED
2 PLACE
3 PLACE
ANGLE
.03
.010
°
TITLE
LM259X Inductor
47 µHy 2.25 ADC
1,2,3,4,5
6,7,8,9,10
B
ELECTRICAL CHARACTERISTICS
Specifications at room temperature (ref. 25°C)
1. INDUCTANCE: @ 10 kHz, 0.1 Vrms,
(1 thru 5 to 6 thru 10 ) = 47 - 60 µH
2. DC RESISTANCE:
(1 thru 5 to 6 thru 10 ) = .035 Ohms Max.
3. SRF: 2.0 MHZ Min.
4. HIPOT: 500 VDC
WINDING TO CORE
2 SEC., 5 mA MAX
GENERAL NOTES:
1. Current rating is the current at which the inductance is a minimum
of 90% of the rated value.
2. All pins may not be used; electrical schematic is based on the
standard footprint.
WAYZATA, MN 55391
CORPORATION
SCHOTT
1000 PARKERS LAKE ROAD
Jumper terminals
on PC Board.
Jumper terminals
on PC Board.
Old Schott P/N: 67144530
1
5
6
10
.100 ±.010
(2.54)
.560 MAX
(14.22)
.560 MAX
(14.22)
SCHOTT
14453
YYWW
.500 MAX
(12.7)
.606
(15.39)
.670 ±.010
(17.02)
.035
(0.89)
.710
18.03)
.100
(2.54)
.063
(1.60)
REF PWB LAYOUT
.012
(0.3)
.008
(0.2)
.028
(0.7)


Similar Part No. - 34603

ManufacturerPart #DatasheetDescription
logo
Heyco.
3460 HEYCO-3460 Datasheet
264Kb / 1P
Heyco® Original Series-35 Liquid Tight Cordgrips
logo
Adafruit Industries
3460 ADAFRUIT-3460 Datasheet
451Kb / 3P
Star Simpsons Circuit Classics Bargraph Voltage Indicator
8-2-17
logo
Keystone Electronics Co...
3460 KEYSTONE-3460 Datasheet
282Kb / 1P
SPACERS & STANDOFFS
31-07 20th
logo
List of Unclassifed Man...
3460-0000PR ETC2-3460-0000PR Datasheet
282Kb / 9P
designed for IDC (Insulation Displacement Connector) connection with 1.27mm pitch flat cable
3460-0000S ETC2-3460-0000S Datasheet
282Kb / 9P
designed for IDC (Insulation Displacement Connector) connection with 1.27mm pitch flat cable
More results

Similar Description - 34603

ManufacturerPart #DatasheetDescription
logo
SCHOTT CORPORATION
34533 SCHOTT-34533 Datasheet
12Kb / 1P
LM259X Inductor 47 關Hy .35 ADC
34536 SCHOTT-34536 Datasheet
12Kb / 1P
LM259X Inductor 330 關Hy .30 ADC
34541 SCHOTT-34541 Datasheet
12Kb / 1P
LM259X Inductor 47 關Hy .80 ADC
34545 SCHOTT-34545 Datasheet
13Kb / 1P
LM259X Inductor 330 關Hy .42 ADC
34550 SCHOTT-34550 Datasheet
12Kb / 1P
LM259X Inductor 47 關Hy 1.15 ADC
34558 SCHOTT-34558 Datasheet
13Kb / 1P
LM259X Inductor 68 關Hy 1.85 ADC
34559 SCHOTT-34559 Datasheet
13Kb / 1P
LM259X Inductor 47 關Hy 2.25 ADC
34577 SCHOTT-34577 Datasheet
14Kb / 1P
LM259X Inductor 47 關Hy .35 ADC
34585 SCHOTT-34585 Datasheet
14Kb / 1P
LM259X Inductor 47 關Hy .80 ADC
34594 SCHOTT-34594 Datasheet
16Kb / 1P
LM259X Inductor 47 關Hy 1.15 ADC
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com