Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

09250-R Datasheet(PDF) 1 Page - Qualtek Electronics Corporation

Part # 09250-R
Description  PLASTIC FAN RETAINER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUALTEK [Qualtek Electronics Corporation]
Direct Link  http://www.qualtekusa.com
Logo QUALTEK - Qualtek Electronics Corporation

09250-R Datasheet(HTML) 1 Page - Qualtek Electronics Corporation

  09250-R Datasheet HTML 1Page - Qualtek Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
56.4
∅9.0
A-A
A
A
B. ZHANG
10-28-03
10-28-03
JJH / 10-28-03
Qualtek Electronics Corp.
FAN-S DIVISION
Part Number:
09250-R
Description:
PLASTIC FAN RETAINER
Tolerance
+/-
(mm)
Dim
range
(mm)
0-5
5-16
16-64
64-250
250-1000
1000-1500
Drawn / Date
Checked / Date
Approved / Date
0.1
0.15
0.2
0.4
0.5
1.0
UNIT: mm
CONTROLLED
APPROVED
DATE
DESCRIPTION
REV.
REVISION
B
RoHS Compliancy
06-01-06
DP
THESE DRAWINGS ARE THE PROPERTY OF QUALTEK
ELECTRONICS AND NOT TO BE REPRODUCED FOR OR
COMMUNICATED TO A THIRD PARTY WITHOUT THE
EXPRESS WRITTEN PERMISSION OF AN OFFICER OF
QUALTEK ELECTRONICS.
REV: B


Similar Part No. - 09250-R

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
09250-F QUALTEK-09250-F Datasheet
216Kb / 1P
PLASTIC FAN FILTER ASSEMBLY
09250-G QUALTEK-09250-G Datasheet
227Kb / 1P
PLASTIC FAN GUARD
09250-M QUALTEK-09250-M Datasheet
181Kb / 1P
FAN FILTER MEDIA
More results

Similar Description - 09250-R

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
09120-G QUALTEK-09120-G Datasheet
211Kb / 1P
PLASTIC FAN GUARD
09150-G QUALTEK-09150-G Datasheet
207Kb / 1P
PLASTIC FAN GUARD
09150-R QUALTEK-09150-R Datasheet
167Kb / 1P
PLASTIC FAN RETAINER
09252-G QUALTEK-09252-G Datasheet
219Kb / 1P
PLASTIC FAN GUARD
09325-G QUALTEK-09325-G Datasheet
216Kb / 1P
PLASTIC FAN GUARD
09325-R QUALTEK-09325-R Datasheet
180Kb / 1P
PLASTIC FAN RETAINER
09362-R QUALTEK-09362-R Datasheet
185Kb / 1P
PLASTIC FAN RETAINER
09363-G QUALTEK-09363-G Datasheet
220Kb / 1P
PLASTIC FAN GUARD
09450-R QUALTEK-09450-R Datasheet
188Kb / 1P
PLASTIC FAN RETAINER
09650-R QUALTEK-09650-R Datasheet
184Kb / 1P
PLASTIC FAN RETAINER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com