Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS13 Datasheet(PDF) 1 Page - Suntan Capacitors

Part # TS13
Description  ALUMINUM ELECTROLYTIC CAPACITOR-GENERAL & MINIATURE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNTAN [Suntan Capacitors]
Direct Link  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

TS13 Datasheet(HTML) 1 Page - Suntan Capacitors

  TS13 Datasheet HTML 1Page - Suntan Capacitors TS13 Datasheet HTML 2Page - Suntan Capacitors TS13 Datasheet HTML 3Page - Suntan Capacitors TS13 Datasheet HTML 4Page - Suntan Capacitors TS13 Datasheet HTML 5Page - Suntan Capacitors  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ALUMINUM ELECTROLYTIC CAPACITOR-GENERAL & MINIATURE
Suntan®
S T A N D A R D , H E I G H T 5 & 7 M M , 1 0 0 0 H R S S E R I E S
TS13 TSE11Series–StandardSize
TSE07 Series – Mini Size 7 mm height
TSE05 Series – Super Mini Size 5 mm
height
ITEMS CHARACTERISTICS
Operating temperature
range
-40 ~ +85℃
Leakage current max.
I=0.01CV or 4μA whichever is greater (after 1 minute)
Capacitance tolerance
±
20% at 120Hz, 20℃
MV
4
6.3
10
16
25
35,40
50
63
Dissipation factor max.
(at 120Hz, 20℃)
tanδ
0.36
0.24
0.20
0.16
0.14
0.12
0.10
0.10
WV
μ
F
4
6.3
10
16
25
35
50
63
100
5x11
5x11
5x11
4x7
0.1
3x5
5x11
5x11
5x11
4x7
0.22
3x5
5x11
5x11
5x11
4x7
0.33
Case size Ø DxL (mm)
3x5
5x11
5x11
5x11
4x7
0.47
3x5
5x11
5x11
5x11
4x7
1.0
3x5
5x11
5x11
5x11
4x7
2.2
3x5
3x5
5x11
5x11
5x11
4x7
3.3
3x5
4x5
4x5
5x11
5x11
5x11
4x7
4x7
4x7
4.7
3x5
3x5
4x5
4x5
5x11
5x11
6.3x11
4x7
5x7
4x7
5x7
10
3x5
4x5
4x5
5x5
5x5
6.3x5
5x11
5x11
6.3x11
8x12
4x7
4x7
5x7
5x7
6.3x7
22
3x5
3x5
5x5
5x5
6.3x5
6.3x5
5x11
6.3x11
6.3x11
10x12.5
4x7
5x7
5x7
6.3x7
33
4x5
5x5
5x5
6.3x5
6.3x5
5x11
5x11
6.3x11
6.3x11
8x12
10x16
4x7
4x7
4x7
5x7
6.3x7
47
4x5
6.3x5
6.3x5
6.3x5
5x11
6.3x11
6.3x11
8x12
8x12
10x12.5
13x21
4x7
5x7
5x7
6.3x7
100
5x5
6.3x11
6.3x11
8x12
8x12
10x12.5
10x16
10x20
16x25
6.3x7
6.3x7
6.3x7
220
6.3x5
Suntan
® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246


Similar Part No. - TS13

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TS13 SUNTAN-TS13 Datasheet
414Kb / 5P
ALUMINUM ELECTROLYTIC CAPACITOR-GENERAL & MINIATURE
logo
CUI INC
TS13 CUI-TS13 Datasheet
345Kb / 4P
TACTILE SWITCH
04/13/2022
TS13-1212-73-BK-100-D CUI-TS13-1212-73-BK-100-D Datasheet
345Kb / 4P
TACTILE SWITCH
04/13/2022
TS13-1212-73-BK-160-D CUI-TS13-1212-73-BK-160-D Datasheet
345Kb / 4P
TACTILE SWITCH
04/13/2022
TS13-1212-73-BK-260-D CUI-TS13-1212-73-BK-260-D Datasheet
345Kb / 4P
TACTILE SWITCH
04/13/2022
More results

Similar Description - TS13

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TS13D0-CD297 SUNTAN-TS13D0-CD297 Datasheet
408Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITOR
TS13 SUNTAN-TS13 Datasheet
414Kb / 5P
ALUMINUM ELECTROLYTIC CAPACITOR-GENERAL & MINIATURE
TS13D3-CD60 SUNTAN-TS13D3-CD60 Datasheet
433Kb / 1P
ALUMINUM ELECTROLYTIC CAPACITOR
TS13DD-CD71C SUNTAN-TS13DD-CD71C Datasheet
120Kb / 1P
ALUMINUM ELECTROLYTIC CAPACITOR
TS13DF-CD71 SUNTAN-TS13DF-CD71 Datasheet
300Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITOR
TS13DG-CD263 SUNTAN-TS13DG-CD263 Datasheet
354Kb / 4P
ALUMINUM ELECTROLYTIC CAPACITOR
TS13DH-CD264 SUNTAN-TS13DH-CD264 Datasheet
915Kb / 4P
ALUMINUM ELECTROLYTIC CAPACITOR
TS13DL-CD117 SUNTAN-TS13DL-CD117 Datasheet
278Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITOR
TS13DM-CD71A SUNTAN-TS13DM-CD71A Datasheet
284Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITOR
TS13DS-CD296 SUNTAN-TS13DS-CD296 Datasheet
193Kb / 4P
ALUMINUM ELECTROLYTIC CAPACITOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com