Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L22 Datasheet(PDF) 21 Page - Cirrus Logic

Part # CS43L22
Description  Low Power, Stereo DAC w/Headphone & Speaker Amps
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L22 Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CS43L22_10 Datasheet HTML 17Page - Cirrus Logic CS43L22_10 Datasheet HTML 18Page - Cirrus Logic CS43L22_10 Datasheet HTML 19Page - Cirrus Logic CS43L22_10 Datasheet HTML 20Page - Cirrus Logic CS43L22_10 Datasheet HTML 21Page - Cirrus Logic CS43L22_10 Datasheet HTML 22Page - Cirrus Logic CS43L22_10 Datasheet HTML 23Page - Cirrus Logic CS43L22_10 Datasheet HTML 24Page - Cirrus Logic CS43L22_10 Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 66 page
background image
DS792F2
21
CS43L22
Confidential Draft
3/4/10
4.2
DSP Engine
Referenced Control
Register Location
DSP
DEEMPH .............................
PCMxMUTE ........................
PCMxVOL[6:0] ....................
INV_PCMx...........................
PCMxSWAP[1:0] .................
MSTxVOL[7:0].....................
MSTxMUTE.........................
DIGSFT ...............................
DIGZC .................................
PLYBCKB=A........................
TC_EN.................................
BASS_CF[1:0] .....................
TREB_CF[1:0] .....................
BASS[3:0]............................
TREB[3:0]............................
LIMIT ...................................
LIMSRDIS ...........................
LIMZCDIS............................
LMAX[2:0]............................
CUSH[2:0] ...........................
LIMARATE[7:0]....................
LIMRRATE[7:0] ...................
“HP/Speaker De-Emphasis” on page 44
“PCM Channel x Mute” on page 47
“PCM Channel x Volume” on page 47
“Invert PCM Signal Polarity” on page 43
“PCM Channel Swap” on page 52
“Master Volume Control” on page 51
“Master Playback Mute” on page 43
“Digital Soft Ramp” on page 44
“Digital Zero Cross” on page 45
“Playback Volume Setting B=A” on page 43
“Tone Control Enable” on page 50
“Bass Corner Frequency” on page 50
“Treble Corner Frequency” on page 50
“Bass Gain” on page 51
“Treble Gain” on page 50
“Peak Detect and Limiter” on page 54
“Limiter Soft Ramp Disable” on page 53
“Limiter Zero Cross Disable” on page 54
“Limiter Maximum Threshold” on page 53
“Limiter Cushion Threshold” on page 53
“Limiter Attack Rate” on page 55
“Limiter Release Rate” on page 54
Beep
Generator
Bass/
Treble/
Control
Σ
VOL
Peak
Detect
Limiter
Chnl Vol.
Settings
Demph
VOL
VOL
+12dB/-102dB
0.5dB steps
MSTAVOL[7:0]
MSTBVOL[7:0]
+12dB/-51.5dB
0.5dB steps
PCMAMUTE
PCMBMUTE
PCMAVOL[6:0]
PCMBVOL[6:0]
0dB/-50dB
2.0dB steps
BPVOL[4:0]
DEEMPH
TC_EN
BASS_CF[1:0]
TREB_CF[1:0]
BASS[3:0]
TREB[3:0]
+12.0dB/-10.5dB
1.5dB steps
Fixed Function DSP
MSTAMUTE
MSTBMUTE
DIGSFT
DIGZC
PLYBCKB=A
LIMARATE[7:0]
LIMRRATE[7:0]
LMAX[2:0]
CUSH[2:0]
LIMSRDIS
LIMZCDIS
LIMIT
PCMASWAP[1:0]
PCMBSWAP[1:0]
OFFTIME[2:0]
ONTIME[3:0]
FREQ[3:0]
BEEP[1:0]
BEEPMIXDIS
Channel
Swap
INV_PCMA
INV_PCMB
PWM
Modulator
DAC
Figure 5. DSP Engine Signal Flow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com