Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5451A Datasheet(PDF) 11 Page - Cirrus Logic

Part # CS5451A
Description  Six-channel, Delta-sigma Analog-to-digital Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5451A Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CS5451A Datasheet HTML 6Page - Cirrus Logic CS5451A Datasheet HTML 7Page - Cirrus Logic CS5451A Datasheet HTML 8Page - Cirrus Logic CS5451A Datasheet HTML 9Page - Cirrus Logic CS5451A Datasheet HTML 10Page - Cirrus Logic CS5451A Datasheet HTML 11Page - Cirrus Logic CS5451A Datasheet HTML 12Page - Cirrus Logic CS5451A Datasheet HTML 13Page - Cirrus Logic CS5451A Datasheet HTML 14Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
CS5451A
DS635F3
11
shifting of the analog inputs. The CPD pin and capacitor
C1 provide the necessary analog supply current as
shown in Figure 5. The Schottky diodes D1 and D2 are
chosen for their low forward voltages and high-speed
capabilities. The capacitor C2 provides the required
charge storage and bypassing of the negative supply.
The CPD output signal provides the charge pump driver
signal. The frequency of the charge pump driver signal
is synchronous to XIN. The nominal average frequency
is 1 MHz. The level on the VA- pin is fed back internally
so that the CPD output will regulate the VA- level to -2/3
of VA+ level.
The value of capacitor C1 (see Figure 5) is dependent
on the XIN clock frequency. The 39 nF value for C1 was
selected for a XIN clock frequency equal to 4.096 MHz.
For more information about the operation of this type of
charge pump circuit, the reader can refer to Cirrus Log-
ic,
Inc.’s
application
note
AN152:
Using
the
CS5521/24/28, and CS5525/26 Charge Pump Drive for
External Loads.
AGND
BAT 85
D1
C1
39 nF
C2
CPD
VA-
BAT 85
1µF
D2
Figure 5. Generating VA- with a Charge Pump



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com