Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5451A-ISZ Datasheet(PDF) 13 Page - Cirrus Logic

Part # CS5451A-ISZ
Description  Six-channel, Delta-sigma Analog-to-digital Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5451A-ISZ Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CS5451A-ISZ Datasheet HTML 6Page - Cirrus Logic CS5451A-ISZ Datasheet HTML 7Page - Cirrus Logic CS5451A-ISZ Datasheet HTML 8Page - Cirrus Logic CS5451A-ISZ Datasheet HTML 9Page - Cirrus Logic CS5451A-ISZ Datasheet HTML 10Page - Cirrus Logic CS5451A-ISZ Datasheet HTML 11Page - Cirrus Logic CS5451A-ISZ Datasheet HTML 12Page - Cirrus Logic CS5451A-ISZ Datasheet HTML 13Page - Cirrus Logic CS5451A-ISZ Datasheet HTML 14Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
CS5451A
DS635F3
13
6. ORDERING INFORMATION
7. ENVIRONMENTAL, MANUFACTURING, & HANDLING INFORMATION
* MSL (Moisture Sensitivity Level) as specified by IPC/JEDEC J-STD-020.
Model
Temperature
Package
CS5451A-IS
-40 to +85 °C
28-pin SSOP
CS5451A-ISZ (lead free)
Model Number
Peak Reflow Temp
MSL Rating*
Max Floor Life
CS5451A-IS
240 °C
2
365 Days
CS5451A-ISZ (lead free)
260 °C
3
7 Days



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com