Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G12SB101K Datasheet(PDF) 2 Page - TOCOSAMERICA, INC.

Part # G12SB101K
Description  1/2??Round, Single-Turn, Through-Hole Sealed Cermet Trimmers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOCOS [TOCOSAMERICA, INC.]
Direct Link  http://www.tocos.com
Logo TOCOS - TOCOSAMERICA, INC.

G12SB101K Datasheet(HTML) 2 Page - TOCOSAMERICA, INC.

  G12SB101K Datasheet HTML 1Page - TOCOSAMERICA, INC. G12SB101K Datasheet HTML 2Page - TOCOSAMERICA, INC. G12SB101K Datasheet HTML 3Page - TOCOSAMERICA, INC. G12SB101K Datasheet HTML 4Page - TOCOSAMERICA, INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TOCOS AMERICA, INC.
1177 East Tower Road, Schaumburg, IL 60173
Tel: 847-884-6664
Fax: 847-884-6665
E-mail: sales@tocos.com
www.tocos.com
89
Dimensions
G12 Series
G12P
P Terminal Style, Cross-Slot, Top Adjust
G12S
S Terminal Style, Cross-Slot, Side Adjust
G12X
X Terminal Style, Cross-Slot, Side Adjust
Unit: mm
Electrical Schematic
#2
wiper
#3 cw
clockwise
ccw
#1
Recommended PCB Layouts
P & S Pin-Out
X Pin-Out
Unit: mm
5
0
10
6.3
0.5
5.0
1.0
5.0
0.2
Ø
0.7 (3)
SLOT:
0.7 W
5.0 L
2.2 D
2.5
0.1
Ø
12.6
0.5
#1
#2
#3
5
0
10
8.8
0.5
5.0 1.0
5.0
0.2
Ø
0.7 (3)
SLOT:
0.7 W
5.0 L
2.2 D
2.5 0.2
1.7
14.8
0.5
8.5
0.5
0.3
Ø
12.6
0.5
#1
#2
#3
5
0
10
8.8
0.5
5.0 1.0
5.0
0.2
Ø
0.7 (3)
SLOT:
0.7 W
5.0 L
2.2 D
2.5 0.2
1.7
14.8
0.5
8.5
0.5
0.3
Ø
12.6
0.5
#1
#2
#3
#3
#2
#1
5.0
2.5
Ø
1.2 max.
(3 holes)
#3
#2
#1
5.0
2.5
Ø
1.2 max.
(3 holes)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com