Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G32AB100M Datasheet(PDF) 2 Page - TOCOSAMERICA, INC.

Part # G32AB100M
Description  3mm Surface Mount, Single-Turn, Sealed Cermet Trimmers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOCOS [TOCOSAMERICA, INC.]
Direct Link  http://www.tocos.com
Logo TOCOS - TOCOSAMERICA, INC.

G32AB100M Datasheet(HTML) 2 Page - TOCOSAMERICA, INC.

  G32AB100M Datasheet HTML 1Page - TOCOSAMERICA, INC. G32AB100M Datasheet HTML 2Page - TOCOSAMERICA, INC. G32AB100M Datasheet HTML 3Page - TOCOSAMERICA, INC. G32AB100M Datasheet HTML 4Page - TOCOSAMERICA, INC. G32AB100M Datasheet HTML 5Page - TOCOSAMERICA, INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TOCOS AMERICA, INC.
1177 East Tower Road, Schaumburg, IL 60173
Tel: 847-884-6664
Fax: 847-884-6665
E-mail: sales@tocos.com
www.tocos.com
2/5
G32A J-Hook, Cross-Slot, Top Adjust
G32B Gull-Wing, Cross-Slot, Top Adjust
Unit: mm
Dimensions
G32 Series
2.2
0.3
3.5
0.3
52
0
1
3
3.2
0.3
3.4 0.3
2.25 0.3
2.0 0.3
1.95 0.3, 0
#1
#3
#2
0.7 0.3
(t= 0.15)
0.4
1.0
0.15
(2) 0.8
0.15
2.2
0.3
3.5
0.3
52
0
1
3
3.2
0.3
4.4
0.3
3.4 0.3
2.25 0.3
2.0 0.3
1.95 0.3, 0
#1
#3
#2
0.7 0.3
(t= 0.15)
0.4
1.0
0.15
(2) 0.8
0.15
(0.4)
All G32 Models
Unit: mm
Cross-Slot Dimensions
Electrical Schematic
#2
wiper
#3 cw
clockwise
ccw
#1
0.4
1.5
0.1
0.5
0.6
1.31
0.4
Effective Date Feb. 2005
Cross-Slot accepts both
Philips and single blade
adjustment tools.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com