Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTA20005S/EM Datasheet(PDF) 14 Page - International Rectifier

Part # HTA20005S/EM
Description  HIGH RELIABILITY DC/DC CONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

HTA20005S/EM Datasheet(HTML) 14 Page - International Rectifier

Back Button HTA20005S/EM Datasheet HTML 6Page - International Rectifier HTA20005S/EM Datasheet HTML 7Page - International Rectifier HTA20005S/EM Datasheet HTML 8Page - International Rectifier HTA20005S/EM Datasheet HTML 9Page - International Rectifier HTA20005S/EM Datasheet HTML 10Page - International Rectifier HTA20005S/EM Datasheet HTML 11Page - International Rectifier HTA20005S/EM Datasheet HTML 12Page - International Rectifier HTA20005S/EM Datasheet HTML 13Page - International Rectifier HTA20005S/EM Datasheet HTML 14Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
14
www.irf.com
HTA-SERIES
WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, Tel: (310) 252-7105
IR SANTA CLARA: 2270 Martin Av., Santa Clara, California 95050, Tel: (408) 727-0500
Visit us at www.irf.com for sales contact information.
Data and specifications subject to change without notice. 03/2009
Part Numbering
Device Screening
HTA 200 05 S / EM
Model
Input Voltage
200 = 200V
Output Voltage
03R3 = 3.3V, 05 = 5V
12 = 12V, 15 = 15V
Output
S = Single
D = Dual
EM = Engineering Model (evalulation purposes)
Blank = No Suffix (production quality)
(Please refer to Device Screening Table for specific
screening requirements)
Requirement
MIL-STD-883
Condition
No Suffix
/EM suffix
Method
(Production (For Engineering
Qualilty)
Evaluation)
Internal Visual
2017
-
X
X
Seal (Laser Weld)
1014
-
X
X
Fine Leak Test (Unpressurized)
-
-
X
X (For info only)
Gross Leak Test (Unpressurized)
-
-
X
X
Temperature Cycling
1010
-35°C, +185°C, 10 cycles
X
Not required
In accordance with
device specification
Constant Acceleration
2001
3000G for 1 minute
X
Not required
In accordance with
device specification
Burn-in
1015
48 hrs @ 185°C
X
8 hours @ 185°C
In accordance with
device specification
Fine Leak Test
1014
A2
X
Not required
Gross Leak Test
1014
C1
X
X
External Visual
2009
-
X
X
Electrical
-
X
Not required
Electrical
-
X
Not required
Final Electrical (Group A)
-
X
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com