Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTA20005D/EM Datasheet(PDF) 7 Page - International Rectifier

Part # HTA20005D/EM
Description  HIGH RELIABILITY DC/DC CONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

HTA20005D/EM Datasheet(HTML) 7 Page - International Rectifier

Back Button HTA20005D/EM Datasheet HTML 3Page - International Rectifier HTA20005D/EM Datasheet HTML 4Page - International Rectifier HTA20005D/EM Datasheet HTML 5Page - International Rectifier HTA20005D/EM Datasheet HTML 6Page - International Rectifier HTA20005D/EM Datasheet HTML 7Page - International Rectifier HTA20005D/EM Datasheet HTML 8Page - International Rectifier HTA20005D/EM Datasheet HTML 9Page - International Rectifier HTA20005D/EM Datasheet HTML 10Page - International Rectifier HTA20005D/EM Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
www.irf.com
7
HTA-SERIES
This feature is available only for single output models.
Connection of the + Sense and - Sense leads at a remotely
located load permits compensation for resistive voltage drop
between the converter output and the load when they are
physically separated by a significant distance. This
connection allows regulation to the placard voltage at the
point of application. When the remote sensing features is
not used, the sense leads should be connected to their
respective output terminals at the converter. A combination
of the compensation voltage drop and output voltage
adjustment (described below in the ‘Output Voltage
Adjustment’ section) is limited to 10% of the nominal output
voltage.
Technical Notes:
Remote Sensing
As an alternative to application and removal of the DC voltage
to the input, the user can control the converter output by
providing TTL compatible, positive logic signal to Enable pin
(pin 4) and to Input Return (pin 2). Enable signal is internally
pulled “high” so that when not used, an open connection on
the Enable pin permits normal converter operation. When
its use is desired, a logical “low” on this port will shut the
converter down.
Inhibiting Converter Output
Synchronization of Multiple Converters
When operating multiple converters, system requirements
often may require operation of the converters at a common
frequency. To accommodate this requirement, the HTA
series of converters provide both a synchronization input
and output.
The Sync Input port permits synchronization of a HTA
connverter to any compatible external frequency source
operating between 500KHz and 650KHz. This input signal
should be referenced to the Input Return and have a 10%
to 90% duty cycle. Compatibility requires transition times
less than100ns, maximum low level of +0.8V and a minimum
high level of +2.0V. The Sync Output of another converter
which has been designated as the master oscillator provides
a convenient frequency source for this mode of operation.
When external synchronization is not required, the Sync In
pin should be left unconnected thereby permitting the
converter to operate at its own internally set frequency.
The sync output signal is a continuous pulse train set at
550
± 50KHz, with a duty cycle of 15 ± 5.0%. This signal is
referenced to the Input Return and has been tailored to be
compatible with the HTA Sync Input port. Transition times
are less than 100ns and the low level output impedance is
less than 50
Ω. This signal is active when the DC input
voltage is within the specified operating range and the
converter is not inhibited. This output has adequate drive
reserve to synchronize at least five additional converters.
Output Voltage Adjust - Single Output Models
In addition to permitting close voltage regulation of remotely
located loads, it is possible to utilize the converter sense
pins to incrementally increase the output voltage. The
increased output voltage is limited to 10% maximum. The
adjustments made possible by this method are intended as
a means to “trim” the output to a voltage setting for certain
design application, but are not intended to create an
adjustable output converter. These output voltage setting
variations are obtained by connecting a resistor with an
appropriate value between the +Sense and -Sense pins
while connecting the -Sense pin to the Output Return pin as
shown in Fig IV below. The resistance value for a desired
output voltage can be determined by use of the equation
presented below.
R
= 100
-
-.025
adj
NOM
OUT
NOM
•
⎧
⎨
⎩
⎫
⎬
⎭
V
VV
Where V
NOM = device nominal output voltage, and
V
OUT = desired output voltage
Finding a resistor value for a particular output voltage, is
simply a matter of substituting the desired output voltage
and the nominal device voltage into the equation and solving
for the corresponding resistor value. Under no circumstance
should R
ADJ be less than 500Ω.
Fig IV. Connection for V
OUT Adjustment
N/C
Trim
+ Sense
- Sense
Output Return
+ Output
To
Load
RADJ
HTA200XXS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com