Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RKBPC1008 Datasheet(PDF) 2 Page - Won-Top Electronics

Part # RKBPC1008
Description  10,15,25,35A FAST RECOVERY BRIDGE RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

RKBPC1008 Datasheet(HTML) 2 Page - Won-Top Electronics

  RKBPC1008 Datasheet HTML 1Page - Won-Top Electronics RKBPC1008 Datasheet HTML 2Page - Won-Top Electronics RKBPC1008 Datasheet HTML 3Page - Won-Top Electronics RKBPC1008 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RKBPC10, 15, 25, 35/W SERIES
2 of 4
© 2002 Won-Top Electronics
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Typical Junction Capacitance
(per element) (Note 2)
RKBPC10/W
RKBPC15/W
RKBPC25/W
RKBPC35/W
Cj
200
200
300
400
pF
Typical Thermal Resistance Junction
to Case (per element) (Note 3)
RKBPC10/W
RKBPC15/W
RKBPC25/W
RKBPC35/W
RJC
6.3
6.3
3.8
3.8
K/W
RMS Isolation Voltage from Case to Lead
VISO
2500
V
Operating and Storage Temperature Range
Tj, TSTG
-65 to +125
°C
*Glass Passivated forms are available upon request.
Note: 1. Measured at IF = 0.5A, IR = 1.0A, IRR = 0.25A.
2. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
3. Thermal resistance junction to case mounted on heatsink.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com