Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GF12 Datasheet(PDF) 9 Page - TOCOSAMERICA, INC.

Part # GF12
Description  12mm Square, Single-Turn, Through-Hole Sealed Cermet Trimmers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOCOS [TOCOSAMERICA, INC.]
Direct Link  http://www.tocos.com
Logo TOCOS - TOCOSAMERICA, INC.

GF12 Datasheet(HTML) 9 Page - TOCOSAMERICA, INC.

Back Button GF12 Datasheet HTML 3Page - TOCOSAMERICA, INC. GF12 Datasheet HTML 4Page - TOCOSAMERICA, INC. GF12 Datasheet HTML 5Page - TOCOSAMERICA, INC. GF12 Datasheet HTML 6Page - TOCOSAMERICA, INC. GF12 Datasheet HTML 7Page - TOCOSAMERICA, INC. GF12 Datasheet HTML 8Page - TOCOSAMERICA, INC. GF12 Datasheet HTML 9Page - TOCOSAMERICA, INC. GF12 Datasheet HTML 10Page - TOCOSAMERICA, INC. GF12 Datasheet HTML 11Page - TOCOSAMERICA, INC.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
TOCOS AMERICA, INC.
1177 East Tower Road, Schaumburg, IL 60173
Tel: 847-884-6664
Fax: 847-884-6665
E-mail: sales@tocos.com
www.tocos.com
85
Part Numbers
Potentiometer
Styles
Nominal Resistance
Catalog No. Bulk
Value (
Ω)
Code
Resistance
Tolerance
10%
Resistance
Tolerance
20%
GF12 Series
GF12X 0S Through-Hole, X Terminal Style, No Shaft, Flush Single-Slot, Side Adjust
GF12X 0S B 100 K
GF12X 0S B 200 K
GF12X 0S B 500 K
GF12X 0S B 101 K
GF12X 0S B 201 K
GF12X 0S B 501 K
GF12X 0S B 102 K
GF12X 0S B 202 K
GF12X 0S B 502 K
GF12X 0S B 103 K
GF12X 0S B 203 K
GF12X 0S B 503 K
GF12X 0S B 104 K
GF12X 0S B 204 K
GF12X 0S B 504 K
GF12X 0S B 105 K
GF12X 0S B 100 M
GF12X 0S B 200 M
GF12X 0S B 500 M
GF12X 0S B 101 M
GF12X 0S B 201 M
GF12X 0S B 501 M
GF12X 0S B 102 M
GF12X 0S B 202 M
GF12X 0S B 502 M
GF12X 0S B 103 M
GF12X 0S B 203 M
GF12X 0S B 503 M
GF12X 0S B 104 M
GF12X 0S B 204 M
GF12X 0S B 504 M
GF12X 0S B 105 M
10
20
50
100
200
500
1,000
2,000
5,000
10,000
20,000
50,000
100,000
200,000
500,000
1,000,000
100
200
500
101
201
501
102
202
502
103
203
503
104
204
504
105
GF12X 5S Through-Hole, X Terminal Style, 5mm Metal Shaft, Single-Slot, Side Adjust
GF12X 5S B 100 K
GF12X 5S B 200 K
GF12X 5S B 500 K
GF12X 5S B 101 K
GF12X 5S B 201 K
GF12X 5S B 501 K
GF12X 5S B 102 K
GF12X 5S B 202 K
GF12X 5S B 502 K
GF12X 5S B 103 K
GF12X 5S B 203 K
GF12X 5S B 503 K
GF12X 5S B 104 K
GF12X 5S B 204 K
GF12X 5S B 504 K
GF12X 5S B 105 K
GF12X 5S B 100 M
GF12X 5S B 200 M
GF12X 5S B 500 M
GF12X 5S B 101 M
GF12X 5S B 201 M
GF12X 5S B 501 M
GF12X 5S B 102 M
GF12X 5S B 202 M
GF12X 5S B 502 M
GF12X 5S B 103 M
GF12X 5S B 203 M
GF12X 5S B 503 M
GF12X 5S B 104 M
GF12X 5S B 204 M
GF12X 5S B 504 M
GF12X 5S B 105 M
10
20
50
100
200
500
1,000
2,000
5,000
10,000
20,000
50,000
100,000
200,000
500,000
1,000,000
100
200
500
101
201
501
102
202
502
103
203
503
104
204
504
105
GF12X 10S Through-Hole, X Terminal Style, 10mm Metal Shaft, Single-Slot, Side Adjust
GF12X 10S B 100 K
GF12X 10S B 200 K
GF12X 10S B 500 K
GF12X 10S B 101 K
GF12X 10S B 201 K
GF12X 10S B 501 K
GF12X 10S B 102 K
GF12X 10S B 202 K
GF12X 10S B 502 K
GF12X 10S B 103 K
GF12X 10S B 203 K
GF12X 10S B 503 K
GF12X 10S B 104 K
GF12X 10S B 204 K
GF12X 10S B 504 K
GF12X 10S B 105 K
GF12X 10S B 100 M
GF12X 10S B 200 M
GF12X 10S B 500 M
GF12X 10S B 101 M
GF12X 10S B 201 M
GF12X 10S B 501 M
GF12X 10S B 102 M
GF12X 10S B 202 M
GF12X 10S B 502 M
GF12X 10S B 103 M
GF12X 10S B 203 M
GF12X 10S B 503 M
GF12X 10S B 104 M
GF12X 10S B 204 M
GF12X 10S B 504 M
GF12X 10S B 105 M
10
20
50
100
200
500
1,000
2,000
5,000
10,000
20,000
50,000
100,000
200,000
500,000
1,000,000
100
200
500
101
201
501
102
202
502
103
203
503
104
204
504
105
GF12X 0S
GF12X 5S
GF12X 10S



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com