Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GF04VB100M Datasheet(PDF) 4 Page - TOCOSAMERICA, INC.

Part # GF04VB100M
Description  4mm Round, Single-Turn, Through-Hole Sealed Cermet Trimmers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOCOS [TOCOSAMERICA, INC.]
Direct Link  http://www.tocos.com
Logo TOCOS - TOCOSAMERICA, INC.

GF04VB100M Datasheet(HTML) 4 Page - TOCOSAMERICA, INC.

  GF04VB100M Datasheet HTML 1Page - TOCOSAMERICA, INC. GF04VB100M Datasheet HTML 2Page - TOCOSAMERICA, INC. GF04VB100M Datasheet HTML 3Page - TOCOSAMERICA, INC. GF04VB100M Datasheet HTML 4Page - TOCOSAMERICA, INC.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
TOCOS AMERICA, INC.
1177 East Tower Road, Schaumburg, IL 60173
Tel: 847-884-6664
Fax: 847-884-6665
E-mail: sales@tocos.com
www.tocos.com
39
Part Numbers
Potentiometer
Styles
Nominal Resistance
Catalog No. Bulk
Value (
Ω)
Code
Resistance
Tolerance
10%
Resistance
Tolerance
20%
GF04 Series
GF04V Through-Hole, V Terminal Style, Single-Slot, Side Adjust
GF04V B 101 K
GF04V B 201 K
GF04V B 501 K
GF04V B 102 K
GF04V B 202 K
GF04V B 502 K
GF04V B 103 K
GF04V B 203 K
GF04V B 503 K
GF04V B 104 K
GF04V B 204 K
GF04V B 504 K
GF04V B 105 K
GF04V B 101 M
GF04V B 201 M
GF04V B 501 M
GF04V B 102 M
GF04V B 202 M
GF04V B 502 M
GF04V B 103 M
GF04V B 203 M
GF04V B 503 M
GF04V B 104 M
GF04V B 204 M
GF04V B 504 M
GF04V B 105 M
100
200
500
1,000
2,000
5,000
10,000
20,000
50,000
100,000
200,000
500,000
1,000,000
101
201
501
102
202
502
103
203
503
104
204
504
105
Soldering and Cleaning Guidelines
For soldering, cleaning and other information, refer to Guidelines and Precautions for Using Potentiometers.
Packaging
Standard:
Bulk Packaging
Quantity
50 pieces per vinyl bag.
500 pieces per box.
GF04V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com