Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRLR8726PbF Datasheet(PDF) 6 Page - International Rectifier

Part # IRLR8726PbF
Description  HEXFET Power MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLR8726PbF Datasheet(HTML) 6 Page - International Rectifier

Back Button IRLR8726PbF Datasheet HTML 2Page - International Rectifier IRLR8726PbF Datasheet HTML 3Page - International Rectifier IRLR8726PbF Datasheet HTML 4Page - International Rectifier IRLR8726PbF Datasheet HTML 5Page - International Rectifier IRLR8726PbF Datasheet HTML 6Page - International Rectifier IRLR8726PbF Datasheet HTML 7Page - International Rectifier IRLR8726PbF Datasheet HTML 8Page - International Rectifier IRLR8726PbF Datasheet HTML 9Page - International Rectifier IRLR8726PbF Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
IRLR/U8726PbF
6
www.irf.com
Fig 12a. Maximum Avalanche Energy
Vs. Drain Current
Fig 12c. Unclamped Inductive Waveforms
Fig 12b. Unclamped Inductive Test Circuit
tp
V(BR)DSS
IAS
RG
IAS
0.01
Ω
tp
D.U.T
L
VDS
+
- VDD
DRIVER
A
15V
20V
VGS
25
50
75
100
125
150
175
Starting TJ, Junction Temperature (°C)
0
100
200
300
400
500
I D
TOP
5.6A
8.2A
BOTTOM
20A
VDS
90%
10%
VGS
td(on)
tr
td(off) tf
Fig 13a. Switching Time Test Circuit
Fig 13b. Switching Time Waveforms
VDS
Pulse Width ≤ 1 µs
Duty Factor ≤ 0.1 %
RD
VGS
RG
D.U.T.
VGS
+
-VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com